Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z36BD-150I Datasheet(PDF) 37 Page - GSI Technology

Part # GS881Z36BD-150I
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z36BD-150I Datasheet(HTML) 37 Page - GSI Technology

Back Button GS881Z36BD-150I Datasheet HTML 31Page - GSI Technology GS881Z36BD-150I Datasheet HTML 32Page - GSI Technology GS881Z36BD-150I Datasheet HTML 33Page - GSI Technology GS881Z36BD-150I Datasheet HTML 34Page - GSI Technology GS881Z36BD-150I Datasheet HTML 35Page - GSI Technology GS881Z36BD-150I Datasheet HTML 36Page - GSI Technology GS881Z36BD-150I Datasheet HTML 37Page - GSI Technology GS881Z36BD-150I Datasheet HTML 38Page - GSI Technology GS881Z36BD-150I Datasheet HTML 39Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
GS881Z18B(T/D)/GS881Z32B(T/D)/GS881Z36B(T/D)
Rev: 1.04 10/2004
37/39
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
256K x 36
GS881Z36BT-150I
NBT Pipeline/Flow Through
TQFP
150/7.5
I
512K x 18
GS881Z18BGT-333
NBT Pipeline/Flow Through
Pb-free TQFP
333/4.5
C
512K x 18
GS881Z18BGT-300
NBT Pipeline/Flow Through
Pb-free TQFP
300/5
C
512K x 18
GS881Z18BGT-250
NBT Pipeline/Flow Through
Pb-free TQFP
250/5.5
C
512K x 18
GS881Z18BGT-200
NBT Pipeline/Flow Through
Pb-free TQFP
200/6.5
C
512K x 18
GS881Z18BGT-150
NBT Pipeline/Flow Through
Pb-free TQFP
150/7.5
C
256K x 32
GS881Z32BGT-333
NBT Pipeline/Flow Through
Pb-free TQFP
333/4.5
C
256K x 32
GS881Z32BGT-300
NBT Pipeline/Flow Through
Pb-free TQFP
300/5
C
256K x 32
GS881Z32BGT-250
NBT Pipeline/Flow Through
Pb-free TQFP
250/5.5
C
256K x 32
GS881Z32BGT-200
NBT Pipeline/Flow Through
Pb-free TQFP
200/6.5
C
256K x 32
GS881Z32BGT-150
NBT Pipeline/Flow Through
Pb-free TQFP
150/7.5
C
256K x 36
GS881Z36BGT-333
NBT Pipeline/Flow Through
Pb-free TQFP
333/4.5
C
256K x 36
GS881Z36BGT-300
NBT Pipeline/Flow Through
Pb-free TQFP
300/5
C
256K x 36
GS881Z36BGT-250
NBT Pipeline/Flow Through
Pb-free TQFP
250/5.5
C
256K x 36
GS881Z36BGT-200
NBT Pipeline/Flow Through
Pb-free TQFP
200/6.5
C
256K x 36
GS881Z36BGT-150
NBT Pipeline/Flow Through
Pb-free TQFP
150/7.5
C
512K x 18
GS881Z18BGT-333I
NBT Pipeline/Flow Through
Pb-free TQFP
333/4.5
I
512K x 18
GS881Z18BGT-300I
NBT Pipeline/Flow Through
Pb-free TQFP
300/5
I
512K x 18
GS881Z18BGT-250I
NBT Pipeline/Flow Through
Pb-free TQFP
250/5.5
I
512K x 18
GS881Z18BGT-200I
NBT Pipeline/Flow Through
Pb-free TQFP
200/6.5
I
512K x 18
GS881Z18BGT-150I
NBT Pipeline/Flow Through
Pb-free TQFP
150/7.5
I
256K x 32
GS881Z32BGT-333I
NBT Pipeline/Flow Through
Pb-free TQFP
333/4.5
I
256K x 32
GS881Z32BGT-300I
NBT Pipeline/Flow Through
Pb-free TQFP
300/5
I
256K x 32
GS881Z32BGT-250I
NBT Pipeline/Flow Through
Pb-free TQFP
250/5.5
I
256K x 32
GS881Z32BGT-200I
NBT Pipeline/Flow Through
Pb-free TQFP
200/6.5
I
256K x 32
GS881Z32BGT-150I
NBT Pipeline/Flow Through
Pb-free TQFP
150/7.5
I
256K x 36
GS881Z36BGT-333I
NBT Pipeline/Flow Through
Pb-free TQFP
333/4.5
I
256K x 36
GS881Z36BGT-300I
NBT Pipeline/Flow Through
Pb-free TQFP
300/5
I
256K x 36
GS881Z36BGT-250I
NBT Pipeline/Flow Through
Pb-free TQFP
250/5.5
I
256K x 36
GS881Z36BGT-200I
NBT Pipeline/Flow Through
Pb-free TQFP
200/6.5
I
256K x 36
GS881Z36BGT-150I
NBT Pipeline/Flow Through
Pb-free TQFP
150/7.5
I
Ordering Information—GSI NBT Synchronous SRAM
Org
Part Number1
Type
Package
Speed2
(MHz/ns)
TA3
Status
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS881Z36B-150IT.
2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each
device is Pipeline/Flow through mode-selectable by the user .
3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.
4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some
of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current
offerings


Similar Part No. - GS881Z36BD-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z36BD-150IV GSI-GS881Z36BD-150IV Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z36BD-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com