Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8322Z36B-166IT Datasheet(PDF) 5 Page - GSI Technology

Part # GS8322Z36B-166IT
Description  36Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8322Z36B-166IT Datasheet(HTML) 5 Page - GSI Technology

  GS8322Z36B-166IT Datasheet HTML 1Page - GSI Technology GS8322Z36B-166IT Datasheet HTML 2Page - GSI Technology GS8322Z36B-166IT Datasheet HTML 3Page - GSI Technology GS8322Z36B-166IT Datasheet HTML 4Page - GSI Technology GS8322Z36B-166IT Datasheet HTML 5Page - GSI Technology GS8322Z36B-166IT Datasheet HTML 6Page - GSI Technology GS8322Z36B-166IT Datasheet HTML 7Page - GSI Technology GS8322Z36B-166IT Datasheet HTML 8Page - GSI Technology GS8322Z36B-166IT Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
GS8322Z18(B/E)/GS8322Z36(B/E)/GS8322Z72(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 11/2004
5/38
© 2002, GSI Technology
GS8322Z36B Pad Out—119-Bump BGA—Top View (Package B)
1234567
A
VDDQ
AAAA
A
VDDQ
A
BNC
E2
A
ADV
A
E3
NC
B
CNC
A
A
VDD
AA
NC
C
DDQC
DQPC
VSS
ZQ
VSS
DQPB
DQB
D
EDQC
DQC
VSS
E1
VSS
DQB
DQB
E
F
VDDQ
DQC
VSS
G
VSS
DQB
VDDQ
F
GDQC
DQC
BC
ABB
DQB
DQB
G
HDQC
DQC
VSS
W
VSS
DQB
DQB
H
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
J
KDQD
DQD
VSS
CK
VSS
DQA
DQA
K
LDQD
DQD
BD
NC
BA
DQA
DQA
L
M
VDDQ
DQD
VSS
CKE
VSS
DQA
VDDQ
M
NDQD
DQD
VSS
A1
VSS
DQA
DQA
N
PDQD
DQPD
VSS
A0
VSS
DQPA
DQA
P
RNC
A
LBO
VDD
FT
ANC
R
T
NC
NC
AAA
A
ZZ
T
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
U
7 x 17 Bump BGA—14 x 22 mm2 Body—1.27 mm Bump Pitch


Similar Part No. - GS8322Z36B-166IT

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8322Z36B-166IV GSI-GS8322Z36B-166IV Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS8322Z36B-166IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z18 GSI-GS8321Z18 Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322ZV18B GSI-GS8322ZV18B Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com