Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX86201 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX86201
Description  Network Processor with Integrated Ethernet Switch and USB2.0 Support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX86201 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX86201 Datasheet HTML 1Page - Synaptics Incorporated. CX86201 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004, Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are trademarks of Conexant Systems, Inc. All other trademarks
are owned by their respective owners. Although Conexant strives for accuracy
in all its publications, this material may contain errors or omissions and is
subject to change without notice. THIS MATERIAL IS PROVIDED AS IS AND WITHOUT
ANY EXPRESS OR IMPLIED WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE AND NON-INFRINGEMENT.
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
03-1022
Network Processing and VoIP
Home Network Processors
CX8620x Features and Versions
Features
• 180 MHz ARM923EJS-based processor
• 16 KB of I-Cache and 8 KB of D-Cache
• 5 integrated Ethernet ports with Auto MDIX support
• PCI interface
• Supports up to 16 MB of Flash and 64 MB of SDRAM
• Embedded UART interface for external modem applications
• TDMI interface for VoIP
www.conexant.com
General Information:
U.S. and Canada: (800) 854-8099
International: (949) 483-6996
Headquarters – Newport Beach
4000 MacArthur Blvd, P.O. Box C
Newport Beach, CA 92660-3095
Order# 102329A
Instruction Cache
16 KB
Data Cache
8 KB
ARM 926 EJ-S Processor
External
Memory
Controller
ROM
16 KB
16/32
bit
TDMI
USB
Host
PPI-16 bit
PCI-32 bit
Parallel
INTF
UART
3DES
RAM
8 KB
DMA
Engines
APB
AHBL (0-4)
Eth
Phy
1
Eth
Phy
2
Eth
Phy
3
Eth
Phy
4
Eth
Phy
5
CX8620x Architecture Diagram
Versions
• CX86202 for a wide range of home networking applications
including wired and wireless gateways, printer servers, home
storage, virtual private networks and Voice over IP in a 292-pin BGA
• CX86201 for basic wired and wireless gateways in a 233-pin BGA
with a PCI interface


Similar Part No. - CX86201

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX86500 CONEXANT-CX86500 Datasheet
184Kb / 6P
   SCXV.92/V.34/V.32bis Modem / Controller-based Modem with Worldwide SmartDAA 3 Line Side Device for Embedded Applications
More results

Similar Description - CX86201

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX84200 CONEXANT-CX84200 Datasheet
1Mb / 2P
   Network Processor with lntegrated Ethernet Switch
logo
Freescale Semiconductor...
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
logo
SMSC Corporation
LAN83C175 SMSC-LAN83C175 Datasheet
336Kb / 92P
   Ethernet CARDBUS Integrated Controller With Modem Support
logo
Maxim Integrated Produc...
DS80C410 MAXIM-DS80C410 Datasheet
1Mb / 102P
   Network Microcontrollers with Ethernet and CAN
REV: 010705
DS80C410 MAXIM-DS80C410_09 Datasheet
1Mb / 102P
   Network Microcontrollers with Ethernet and CAN
Rev 4; 6/09
logo
Dallas Semiconductor
DS80C410 DALLAS-DS80C410 Datasheet
2Mb / 102P
   Network Microcontrollers with Ethernet and CAN
logo
Micrel Semiconductor
KSZ8862MQL MICREL-KSZ8862MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862-MQL MICREL-KSZ8862-MQL Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
KSZ8862-16 MICREL-KSZ8862-16_10 Datasheet
822Kb / 125P
   2-Port Ethernet Switch with Non-PCI Interface and Fiber Support
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com