Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AXE710127 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXE710127
Description  Automation Controls Catalog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE710127 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXE710127 Datasheet HTML 3Page - Panasonic Semiconductor AXE710127 Datasheet HTML 4Page - Panasonic Semiconductor AXE710127 Datasheet HTML 5Page - Panasonic Semiconductor AXE710127 Datasheet HTML 6Page - Panasonic Semiconductor AXE710127 Datasheet HTML 7Page - Panasonic Semiconductor AXE710127 Datasheet HTML 8Page - Panasonic Semiconductor AXE710127 Datasheet HTML 9Page - Panasonic Semiconductor AXE710127 Datasheet HTML 10Page - Panasonic Semiconductor AXE710127 Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Notes on Using Narrow pitch Connectors/High Current Connectors
–2–
ACCTB48E 201803-T
Regarding the selection of the connector placement machine and the mounting
procedures
Regarding soldering
Reflow soldering
Hand soldering
1) Select the placement machine taking into consideration the
connector height, required positioning accuracy, and packaging
conditions.
2) Be aware that if the chucking force of the placement machine
is too great, it may deform the shape of the connector body or
connector terminals.
3) Be aware that during mounting, external forces may be
applied to the connector contact surfaces and terminals and
cause deformations.
4) Depending on the size of the connector being used, self
alignment may not be possible. In such cases, be sure to
carefully position the terminal with the PC board pattern.
5) The positioning bosses give an approximate alignment for
positioning on the PC board. For accurate positioning of the
connector when mounting it to the PC board, we recommend
using an automatic positioning machine.
6) In case of dry condition, please note the occurrence of static
electricity. The product may be adhered to the embossed carrier
tape or the cover tape in dry condition. Recommended humidity
is from 40 to 60%RH and please remove static electricity by
ionizer in manufacturing process.
1) Measure the recommended profile temperature for reflow
soldering by placing a sensor on the PC board near the
connector surface or terminals. (Please refer to the specification
for detail because the temperature setting differs by products.)
2) As for cream solder printing, screen printing is recommended.
3) When setting the screen opening area and PC board foot
pattern area, refer the recommended PC board pattern and
window size of metal mask on the specification sheet, and make
sure that the size of board pattern and metal mask at the base of
the terminals are not increased.
4) Please pay attentions not to provide too much solder. It
makes miss mating because of interference at soldering portion
when mating.
5) When mounting on both sides of the PC board and the
connector is mounting on the underside, use adhesives or other
means to ensure the connector is properly fixed to the PC board.
(Double reflow soldering on the same side is possible.)
6) The condition of solder or flux rise and wettability varies
depending on the type of solder and flux. Solder and flux
characteristics should be taken into consideration and also set
the reflow temperature and oxygen level.
7) Do not use resin-containing solder. Otherwise, the contacts
might be firmly fixed.
8) Soldering conditions
Please use the reflow temperature profile conditions
recommended below for reflow soldering. Please contact our
sales office before using a temperature profile other than that
described below (e.g. lead-free solder)
For products other than the ones above, please refer to the
latest product specifications.
9) The temperature profiles given in this catalog are values
measured when using the connector on a resin-based PC
board. When performed reflow soldering on a metal board (iron,
aluminum, etc.) or a metal table to mount on a FPC, make sure
there is no deformation or discoloration of the connector before
mounting.
10) Please contact our sales office when using a screen-printing
thickness other than that recommended.
Terminal
Paste solder
PC board foot pattern
60 to 120 sec.
Preheating
Time
Temperature
Peak temperature
200℃
220℃
260℃
230℃
180℃
150℃
Peak temperature
70 sec.
25 sec.
Upper limited
(Solder heat resistance)
Lower limited
(Solder wettability)
1) Set the soldering iron so that the tip temperature is less than
that given in the table below.
Table A
2) Do not allow flux to spread onto the connector leads or PC
board. This may lead to flux rising up to the connector inside.
3) Touch the soldering iron to the foot pattern. After the foot
pattern and connector terminal are heated, apply the solder wire
so it melts at the end of the connector terminals.
4) Be aware that soldering while applying a load on the
connector terminals may cause improper operation of the
connector.
5) Thoroughly clean the soldering iron.
6) Flux from the solder wire may get on the contact surfaces
during soldering operations. After soldering, carefully check the
contact surfaces and clean off any solder before use.
7) These connector is low profile type. If too much solder is
supplied for hand soldering, It makes miss mating because of
interference at soldering portion. Please pay attentions.
Product name
Soldering iron temperature
SMD type connectors all products
300
°C within 5 sec.
350
°C within 3 sec.
Apply the solder
wire here
Terminal
Pattern
Small angle as
possible up to
45 degrees
PC board


Similar Part No. - AXE710127

ManufacturerPart #DatasheetDescription
Advanced XTAL Products
Advanced XTAL Products
AXE7050M AXTAL-AXE7050M Datasheet
158Kb / 3P
   Crystal Oscillator (SPXO) in 7x5 mm package
AXE7050P AXTAL-AXE7050P Datasheet
91Kb / 3P
   Programmable Crystal Oscillator in 7x5 mm package
More results

Similar Description - AXE710127

ManufacturerPart #DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
OSRAM GmbH
OSRAM GmbH
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com