Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AXG106144 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part No. AXG106144
Description  Automation Controls Catalog
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXG106144 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AXG106144 Datasheet HTML 2Page - Panasonic Semiconductor AXG106144 Datasheet HTML 3Page - Panasonic Semiconductor AXG106144 Datasheet HTML 4Page - Panasonic Semiconductor AXG106144 Datasheet HTML 5Page - Panasonic Semiconductor AXG106144 Datasheet HTML 6Page - Panasonic Semiconductor AXG106144 Datasheet HTML 7Page - Panasonic Semiconductor AXG106144 Datasheet HTML 8Page - Panasonic Semiconductor AXG106144 Datasheet HTML 9Page - Panasonic Semiconductor AXG106144 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Narrow pitch connectors
S35 (0.35mm pitch)
–6–
ACCTB66E 201803-T
EMBOSSED TAPE DIMENSIONS (Unit: mm)
Dimension table
Connector orientation with respect to embossed tape feeding direction
There is no indication on this product regarding top-bottom or left-right orientation.
Type/Mated height
Number of pins
Type of taping
A
B
C
Quantity per reel
Socket
0.6mm and 0.8mm
Max. 30
Tape I
16.0
7.5
17.4
15,000
34 to 60
Tape I
24.0
11.5
25.4
15,000
Type/Mated height
Number of pins
Type of taping
A
B
C
Quantity per reel
Header
0.6mm and 0.8mm
Max. 34
Tape I
16.0
7.5
17.4
15,000
40 to 60
Tape I
24.0
11.5
25.4
15,000
Specifications for taping
In accordance with JIS C 0806-3:1999. However, not applied to
the mounting-hole pitch of some connectors.
Specifications for the plastic reel
In accordance with EIAJ ET-7200B.
(A )
+0.3
-0.1
(B)
(1.75)
φ1.5
Tape I
+0.1
0
Embossed carrier tape
Taping reel
Top cover tape
C±1
Label
Embossed mounting-hole
Type
Direction
of tape progress
Common for S35
Socket
Header


Similar Part No. - AXG106144

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
AXG25 ETC2-AXG25 Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
Advanced XTAL Products
Advanced XTAL Products
AXG2X45G AXTAL-AXG2X45G Datasheet
147Kb / 3P
   Dual Frequency Gated Oscillator 1030 / 1090 MHz
AXGAP52F AXTAL-AXGAP52F Datasheet
67Kb / 2P
   GaPO4 - Crystal Resonator Unit
AXGCM5600-240-PT AXTAL-AXGCM5600-240-PT Datasheet
165Kb / 2P
   GaPO4 ??Crystal Microbalance Element (Monitor Crystal) For High Temperature Applications up to 850째C
AXGCM5600-500-PT AXTAL-AXGCM5600-500-PT Datasheet
162Kb / 2P
   GaPO4 ??Crystal Microbalance Element (Monitor Crystal) For High Temperature Applications up to 900째C
More results

Similar Description - AXG106144

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
OSRAM GmbH
OSRAM GmbH
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com