Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXT140124 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXT140124
Description  Automation Controls Catalog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT140124 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXT140124 Datasheet HTML 1Page - Panasonic Semiconductor AXT140124 Datasheet HTML 2Page - Panasonic Semiconductor AXT140124 Datasheet HTML 3Page - Panasonic Semiconductor AXT140124 Datasheet HTML 4Page - Panasonic Semiconductor AXT140124 Datasheet HTML 5Page - Panasonic Semiconductor AXT140124 Datasheet HTML 6Page - Panasonic Semiconductor AXT140124 Datasheet HTML 7Page - Panasonic Semiconductor AXT140124 Datasheet HTML 8Page - Panasonic Semiconductor AXT140124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
–1–
ACCTB87E 201809-T
DETAILED FEATURES
ORDERING INFORMATION
For board-to-board For board-to-FPC
P35S
Narrow pitch connectors
(0.35mm pitch)
Connector with 0.35 mm pitch and 1.5 mm mated height for highly reliable
board-to-board connections
FEATURES
1. “TOUGH CONTACT” construction provides high
resistance to various environmental.
2. Pattern wiring possible on PC board of the connector
undersurface
3. Connectors for inspection available
APPLICATIONS
Smartphones, tablet PC and other mobile devices
Socket
Header
3.6mm
2.35mm
Small size 0.35 mm pitch contributes to device
miniaturization.
Smaller compared to P4S (40 pins): socket - 11% smaller,
header - 12% smaller
Greater flexibility in connector placement
Pattern wiring to the connector bottom is made possible with a
molded covering on the undersurface of the connector.
Soldering terminals
at four corners
Soldering terminals
at four corners
Socket
Header
3.60mm
9.55mm
(40 pins)
8.73mm
(40 pins)
2.35mm
Soldering terminals
at four corners
<Socket>
Connector bottom: Create any thru-hole and pattern wiring.
<Header>
Insulation
area
Insulation area
Number of pins
(2 digits)
Mated height
(Socket/Header)
1: For mated height 1.5 mm
2: (Fixed)
1: Socket
2: Header
AXT
1 2 4
Surface treatment (Contact portion / Terminal portion)
(Socket)
4: Base: Ni plating, Surface: Au plating/Base: Ni plating, Surface: Au plating
(Header)
4: Base: Ni plating, Surface: Au plating/Base: Ni plating, Surface: Au plating
Partly to Be Discontinued
Last time buy: September 30, 2019


Similar Part No. - AXT140124

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
AXT-A005 CONQUER-AXT-A005 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A006 CONQUER-AXT-A006 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A010 CONQUER-AXT-A010 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A015 CONQUER-AXT-A015 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A020 CONQUER-AXT-A020 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
More results

Similar Description - AXT140124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com