Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AXT510124 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXT510124
Description  Automation Controls Catalog
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT510124 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXT510124 Datasheet HTML 4Page - Panasonic Semiconductor AXT510124 Datasheet HTML 5Page - Panasonic Semiconductor AXT510124 Datasheet HTML 6Page - Panasonic Semiconductor AXT510124 Datasheet HTML 7Page - Panasonic Semiconductor AXT510124 Datasheet HTML 8Page - Panasonic Semiconductor AXT510124 Datasheet HTML 9Page - Panasonic Semiconductor AXT510124 Datasheet HTML 10Page - Panasonic Semiconductor AXT510124 Datasheet HTML 11Page - Panasonic Semiconductor AXT510124 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Narrow pitch connectors
F4S (0.4mm pitch)
–8–
ACCTB29E 201809-T
NOTES (Unit: mm)
Design of PC board patterns
Conduct the recommended foot pattern design, in order to
preserve the mechanical strength of terminal solder areas.
Recommended PC board and metal mask patterns
Connectors are mounted with high pitch density, intervals of 0.35
mm, 0.4 mm or 0.5 mm. In order to reduce solder and flux rise,
solder bridges and other issues make sure the proper levels of
solder is used.
The figures are recommended patterns. Please use them as a
reference.
Socket (Mated height: 1.0 mm and 1.2 mm)
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
μm
(Terminal opening ratio: 48%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120
μm
(Terminal opening ratio: 60%)
(Metal-part opening ratio: 100%)
Header (Mated height: 1.0 mm and 1.2 mm)
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
μm
(Terminal opening ratio: 48%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120
μm
(Terminal opening ratio: 60%)
(Metal-part opening ratio: 100%)
:Insulation area
0.90±0.03
0.70±0.03
0.23±0.03
0.40±0.03
0.90±0.01
0.70±0.01
0.20±0.01
0.40±0.01
0.90±0.01
0.70±0.01
0.20±0.01
0.40±0.01
Please refer to the latest product specifications when
designing your product.
:Insulation area
0.80±0.03
0.45±0.03
0.23±0.03
0.40±0.03
0.80±0.01
0.45±0.01
0.20±0.01
0.40±0.01
0.80±0.01
0.45±0.01
0.20±0.01
0.40±0.01
Partly to Be Discontinued
Last time buy: September 30, 2019


Similar Part No. - AXT510124

ManufacturerPart #DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AXT510124 PANASONIC-AXT510124 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
AXT510124 PANASONIC-AXT510124 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
More results

Similar Description - AXT510124

ManufacturerPart #DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
OSRAM GmbH
OSRAM GmbH
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com