Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AXT510124 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AXT510124
Description  Automation Controls Catalog
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT510124 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AXT510124 Datasheet HTML 5Page - Panasonic Semiconductor AXT510124 Datasheet HTML 6Page - Panasonic Semiconductor AXT510124 Datasheet HTML 7Page - Panasonic Semiconductor AXT510124 Datasheet HTML 8Page - Panasonic Semiconductor AXT510124 Datasheet HTML 9Page - Panasonic Semiconductor AXT510124 Datasheet HTML 10Page - Panasonic Semiconductor AXT510124 Datasheet HTML 11Page - Panasonic Semiconductor AXT510124 Datasheet HTML 12Page - Panasonic Semiconductor AXT510124 Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Notes on Using Narrow pitch Connectors/High Current Connectors
–9–
ACCTB48E 201803-T
For board-to-board/board-to-FPC
About safety remarks
Observe the following safety remarks to prevent accidents and injuries.
Regarding the design of devices and PC board patterns
Notes on Using Narrow pitch Connectors/
High Current Connectors
1) Do not use these connectors beyond the specification sheets.
The usage outside of specified rated current, dielectric strength,
and environmental conditions and so on may cause circuitry
damage via abnormal heating, smoke, and fire.
2) In order to avoid accidents, your thorough specification review
is appreciated. Please contact our sales office if your usage is
out of the specifications. Otherwise, Panasonic Corporation
cannot guarantee the quality and reliability.
3) Panasonic Corporation is consistently striving to improve
quality and reliability. However, the fact remains that electrical
components and devices generally cause failures at a given
statistical probability. Furthermore, their durability varies with
use environments or use conditions. In this respect, please
check for actual electrical components and devices under actual
conditions before use. Continued usage in a state of degraded
condition may cause the deteriorated insulation, thus result in
abnormal heat, smoke or firing. Please carry out safety design
and periodic maintenance including redundancy design, design
for fire spread prevention, and design for malfunction prevention
so that no accidents resulting in injury or death, fire accidents, or
social damage will be caused as a result of failure of the
products or ending life of the products.
1) When using the board to board connectors, do not connect a
pair of board with multiple connectors. Otherwise, misaligned
connector positions may cause mating failure or product
breakage.
2) With mounting equipment, there may be up to a
±0.2 to 0.3
mm error in positioning. Be sure to design PC boards and
patterns while taking into consideration the performance and
abilities of the required equipment.
3) Some connectors have tabs embossed on the body to aid in
positioning. When using these connectors, make sure that the
PC board is designed with positioning holes to match these tabs.
4) To ensure the required mechanical strength when soldering
the connector terminals, make sure the PC board meets
recommended PC board pattern design dimensions given.
5) PC board
Control the thicknesses of the cover lay and adhesive to prevent
poor soldering. This connector has no stand-off. Therefore,
minimize the thickness of the cover lay, etc. so as to prevent the
occurrence of poor soldering.
6) For all connectors of the narrow pitch series, to prevent the
PC board from coming off during vibrations or impacts, and to
prevent loads from falling directly on the soldered portions, be
sure to design some means to fix the PC board in place.
Example) Secure in place with screws
When connecting PC boards, take appropriate measures to
prevent the connector from coming off.
7) When mounting connectors on a FPC
• When the connector soldered to FPC is mated or unmated,
solder detachment may occur by the force to the terminals.
Connector handling is recommended in the condition when the
reinforcing plate is attached to the backside of FPC where the
connector is mounted. The external dimension of the reinforcing
plate is recommended to be larger than the dimension of
“Recommended PC board pattern” (extended dimension of one
side is approximately 0.5 to 1.0 mm). The materials and
thickness of the reinforcing plate are glass epoxy or polyimide
(thickness 0.2 to 0.3 mm) or SUS (thickness 0.1 to 0.2 mm).
• As this connector has temporary locking structure, the
connector mating may be separated by the dropping impact
depend on the size, weight or bending force of the FPC. Please
consider the measures at usage to prevent the mating
separation.
8) The narrow pitch connector series is designed to be compact
and thin. Although ease of handling has been taken into
account, take care when mating the connectors, as
displacement or angled mating could damage or deform the
connector.
↓↓
Connector
Spacer
Spacer
PC board
Screw


Similar Part No. - AXT510124

ManufacturerPart #DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AXT510124 PANASONIC-AXT510124 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
AXT510124 PANASONIC-AXT510124 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
More results

Similar Description - AXT510124

ManufacturerPart #DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
OSRAM GmbH
OSRAM GmbH
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com