Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXE810124 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXE810124
Description  Automation Controls Catalog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE810124 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXE810124 Datasheet HTML 1Page - Panasonic Semiconductor AXE810124 Datasheet HTML 2Page - Panasonic Semiconductor AXE810124 Datasheet HTML 3Page - Panasonic Semiconductor AXE810124 Datasheet HTML 4Page - Panasonic Semiconductor AXE810124 Datasheet HTML 5Page - Panasonic Semiconductor AXE810124 Datasheet HTML 6Page - Panasonic Semiconductor AXE810124 Datasheet HTML 7Page - Panasonic Semiconductor AXE810124 Datasheet HTML 8Page - Panasonic Semiconductor AXE810124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Narrow pitch connectors
A35S (0.35mm pitch)
–4–
ACCTB2E 201803-T
Socket and Header are mated
EMBOSSED TAPE DIMENSIONS (Unit: mm)
Dimension table
Connector orientation with respect to embossed tape feeding direction
There is no indication on this product regarding top-bottom or left-right orientation.
Type/Mated height
Number of pins
Type of taping
A
B
C
D
Quantity per reel
Common for sockets and headers
0.8mm
10 to 24
Tape I
16.0
7.5
17.4
5,000
30 to 80
Tape I
24.0
11.5
25.4
5,000
100
Tape II
32.0
28.4
14.2
33.4
5,000
Socket
Header
Specifications for taping
In accordance with JIS C 0806-3:1999. However, not applied to
the mounting-hole pitch of some connectors.
Specifications for the plastic reel
In accordance with EIAJ ET-7200B.
(A )
+0.3
-0.1
(C)
(1.75)
φ1.5+0.1
0
Tape I
(C)
(B)
(1.75)
φ1.5+0.1
0
(A±0.3)
Tape Il
Embossed carrier tape
Taping reel
Top cover tape
D±1
Label
Embossed mounting-hole
Type
Direction
of tape progress
Common for A35S
Socket
Header


Similar Part No. - AXE810124

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
   SMD PXO (Clock) in CO 26 package
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
   PXO for WLAN Test Equipment
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
   Crystal Oscillator (PXO) 1000 MHz
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
More results

Similar Description - AXE810124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com