Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXE816124 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXE816124
Description  Automation Controls Catalog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE816124 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXE816124 Datasheet HTML 1Page - Panasonic Semiconductor AXE816124 Datasheet HTML 2Page - Panasonic Semiconductor AXE816124 Datasheet HTML 3Page - Panasonic Semiconductor AXE816124 Datasheet HTML 4Page - Panasonic Semiconductor AXE816124 Datasheet HTML 5Page - Panasonic Semiconductor AXE816124 Datasheet HTML 6Page - Panasonic Semiconductor AXE816124 Datasheet HTML 7Page - Panasonic Semiconductor AXE816124 Datasheet HTML 8Page - Panasonic Semiconductor AXE816124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Narrow pitch connectors
A35S (0.35mm pitch)
–2–
ACCTB2E 201803-T
PRODUCT TYPES
Notes: 1. Order unit: For volume production: 1-inner carton (1-reel) units. For samples, please contact our sales office.
2. Please contact our sales office for connectors having a number of pins other than those listed above.
SPECIFICATIONS
1. Characteristics
Mated height
Number of pins
Part number
Packing
Socket
Header
Inner carton (1-reel)
Outer carton
0.8mm
10
AXE710127
AXE810124
5,000 pieces
10,000 pieces
12
AXE712127
AXE812124
16
AXE716127
AXE816124
20
AXE720127
AXE820124
24
AXE724127
AXE824124
30
AXE730127
AXE830124
34
AXE734127
AXE834124
40
AXE740127
AXE840124
44
AXE744127
AXE844124
50
AXE750127
AXE850124
54
AXE754127
AXE854124
60
AXE760127
AXE860124
64
AXE764127
AXE864124
70
AXE770127
AXE870124
80
AXE780127
AXE880124
100
AXE700127
AXE800124
Item
Specifications
Conditions
Electrical
characteristics
Rated current
0.25A/pin contact (Max. 4 A at total pin contacts)
Rated voltage
60V AC/DC
Dielectric strength
150V AC for 1 min.
No short-circuiting or damage at a detection current of 1 mA
when the specified voltage is applied for one minute.
Insulation resistance
Min. 1,000M
Ω (initial)
Using 250V DC megger (applied for 1 min.)
Contact resistance
Max. 100m
Ω
Based on the contact resistance measurement method
specified by JIS C 5402.
Mechanical
characteristics
Composite insertion force
Max. 0.981N/pin contact
× pin contacts (initial)
Composite removal force
Min. 0.165N/pin contact
× pin contacts
Environmental
characteristics
Ambient temperature
–55 to +85
°C
No icing. No condensation.
Soldering heat resistance
The initial specification must be satisfied electrically
and mechanically.
Reflow soldering:
Peak temperature: 260
°C or less
(on the surface of the PC board around the connector
terminals)
Soldering iron: 300
°C within 5 sec. 350°C within 3 sec.
Storage temperature
–55 to +85
°C (product only)
–40 to +50
°C (emboss packing)
No icing. No condensation.
Thermal shock resistance
(header and socket mated)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 100m
Ω
Conformed to MIL-STD-202F, method 107G
Humidity resistance
(header and socket mated)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 100m
Ω
Conformed to IEC60068-2-78
Temperature 40
±2°C, humidity 90 to 95% R.H.
Saltwater spray resistance
(header and socket mated)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 100m
Ω
Conformed to IEC60068-2-11
Temperature 35
±2°C, saltwater concentration 5±1%
H2S resistance
(header and socket mated)
48 hours,
contact resistance max. 100m
Ω
Temperature 40
±2°C, gas concentration 3±1 ppm,
humidity 75 to 80% R.H.
Lifetime
characteristics
Insertion and removal life
30 times
Repeated insertion and removal speed of max. 200 times/
hours
Unit weight
60 pins Socket: 0.03 g Header: 0.02 g
Order Temperature (
°C)
Time (minutes)
1
2
3
4
–55
85
–55
0
−3
30
Max. 5
30
Max. 5
+3
0
0
−3


Similar Part No. - AXE816124

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
   SMD PXO (Clock) in CO 26 package
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
   PXO for WLAN Test Equipment
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
   Crystal Oscillator (PXO) 1000 MHz
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
More results

Similar Description - AXE816124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com