Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AXE820124 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AXE820124
Description  Automation Controls Catalog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE820124 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXE820124 Datasheet HTML 1Page - Panasonic Semiconductor AXE820124 Datasheet HTML 2Page - Panasonic Semiconductor AXE820124 Datasheet HTML 3Page - Panasonic Semiconductor AXE820124 Datasheet HTML 4Page - Panasonic Semiconductor AXE820124 Datasheet HTML 5Page - Panasonic Semiconductor AXE820124 Datasheet HTML 6Page - Panasonic Semiconductor AXE820124 Datasheet HTML 7Page - Panasonic Semiconductor AXE820124 Datasheet HTML 8Page - Panasonic Semiconductor AXE820124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Narrow pitch connectors
A35S (0.35mm pitch)
–3–
ACCTB2E 201803-T
2. Material and surface treatment
DIMENSIONS (Unit: mm)
Socket (Mated height: 0.8 mm)
Header (Mated height: 0.8 mm)
Part name
Material
Surface treatment
Molded portion
LCP resin (UL94V-0)
Contact and Post
Copper alloy
Contact portion: Base: Ni plating, Surface: Au plating
Terminal portion: Base: Ni plating, Surface: Au plating (except the terminal tips)
The socket terminals close to the portion to be soldered have nickel barriers (exposed nickel
portions).
Soldering terminals
Copper alloy
Sockets:
Base: Ni plating, Surface: Pd + Au flash plating (except the terminal tips)
Headers:
Base: Ni plating, Surface: Au plating (except the terminal tips)
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
The CAD data of the products with a
External dimensions
0.77
A
B±0.1
0.12±0.03
0.35±0.05
0.30±0.03
C±0.1
(0.90)
(Contact and soldering
terminals)
Terminal coplanarity
0.08
Y※
Z
General tolerance: ±0.2
※Because the soldering terminal Y and Z are the unified structure,
 they are connected electrically.
Dimension table
A
B
C
10
4.10
1.40
3.00
12
4.45
1.75
3.35
16
5.15
2.45
4.05
20
5.85
3.15
4.75
24
6.55
3.85
5.45
30
7.60
4.90
6.50
34
8.30
5.60
7.20
40
9.35
6.65
8.25
44
10.05
7.35
8.95
50
11.10
8.40
10.00
54
11.80
9.10
10.70
60
12.85
10.15
11.75
64
13.55
10.85
12.45
70
14.60
11.90
13.50
80
16.35
13.65
15.25
100
19.85
17.15
18.75
Dimensions
Number
of pins
External dimensions
Soldering terminals
0.65
0.12±0.03
C±0.1
0.12±0.03
0.35±0.05
B±0.1
A
(Post and soldering
terminals)
Terminal coplanarity
0.08
General tolerance: ±0.2
Dimension table
A
B
C
10
3.40
1.40
2.80
12
3.75
1.75
3.15
16
4.45
2.45
3.85
20
5.15
3.15
4.55
24
5.85
3.85
5.25
30
6.90
4.90
6.30
34
7.60
5.60
7.00
40
8.65
6.65
8.05
44
9.35
7.35
8.75
50
10.40
8.40
9.80
54
11.10
9.10
10.50
60
12.15
10.15
11.55
64
12.85
10.85
12.25
70
13.90
11.90
13.30
80
15.65
13.65
15.05
100
19.15
17.15
18.55
Dimensions
Number
of pins


Similar Part No. - AXE820124

ManufacturerPart No.DatasheetDescription
Advanced XTAL Products
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
   SMD PXO (Clock) in CO 26 package
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
   PXO for WLAN Test Equipment
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
   Crystal Oscillator (PXO) 1000 MHz
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
More results

Similar Description - AXE820124

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
OSRAM GmbH
OSRAM GmbH
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz