Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AXE820124 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AXE820124
Description  Automation Controls Catalog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE820124 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXE820124 Datasheet HTML 1Page - Panasonic Semiconductor AXE820124 Datasheet HTML 2Page - Panasonic Semiconductor AXE820124 Datasheet HTML 3Page - Panasonic Semiconductor AXE820124 Datasheet HTML 4Page - Panasonic Semiconductor AXE820124 Datasheet HTML 5Page - Panasonic Semiconductor AXE820124 Datasheet HTML 6Page - Panasonic Semiconductor AXE820124 Datasheet HTML 7Page - Panasonic Semiconductor AXE820124 Datasheet HTML 8Page - Panasonic Semiconductor AXE820124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Narrow pitch connectors
A35S (0.35mm pitch)
–5–
ACCTB2E 201803-T
TABLE OF PRODUCT TYPES
✩: Available for sale
Notes: 1. Please contact our sales office about availability and number of pins other than those shown above.
2. Please keep the minimum order quantities no less than 50 pieces per lot.
PRODUCT TYPES
Note: When placing an order, substitute the “ * ” (asterisk) in the above part number with the number of pins for the specific connector.
For board-to-FPC
A35S
Connectors for
inspection usage
(0.35mm pitch)
Product name
Number of pins
A35S
for inspection
10
12
16
20
24
30
34
40
44
50
54
60
64
70
80
100
✩✩✩✩✩✩✩✩✩✩✩✩✩✩✩✩
Part No.
Socket
Header
AXE7E**26
AXE8E**26
3,000 mating and unmating cycles Connectors for inspection usage
FEATURES
1. 3,000 mating and unmating cycles
2. Same external dimensions and foot pattern as standard
type.
3. Improved mating
Insertion and removal easy due to a reduction in mating
retention force. This is made possible by a simple locking
structure design.
(Mating retention force cannot be warranted.)
4. Please avoid using for applications other than inspection.
APPLICATIONS
Ideal for module unit inspection and equipment assembly
inspection
Socket
Header
2.0mm
2.5mm


Similar Part No. - AXE820124

ManufacturerPart No.DatasheetDescription
Advanced XTAL Products
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
   SMD PXO (Clock) in CO 26 package
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
   PXO for WLAN Test Equipment
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
   Crystal Oscillator (PXO) 1000 MHz
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
More results

Similar Description - AXE820124

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
OSRAM GmbH
OSRAM GmbH
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz