![]() |
Electronic Components Datasheet Search |
|
AXE820124 Datasheet(PDF) 8 Page - Panasonic Semiconductor |
|
AXE820124 Datasheet(HTML) 8 Page - Panasonic Semiconductor |
8 / 11 page ![]() Notes on Using Narrow pitch Connectors/High Current Connectors –2– ACCTB48E 201803-T Regarding the selection of the connector placement machine and the mounting procedures Regarding soldering Reflow soldering Hand soldering 1) Select the placement machine taking into consideration the connector height, required positioning accuracy, and packaging conditions. 2) Be aware that if the chucking force of the placement machine is too great, it may deform the shape of the connector body or connector terminals. 3) Be aware that during mounting, external forces may be applied to the connector contact surfaces and terminals and cause deformations. 4) Depending on the size of the connector being used, self alignment may not be possible. In such cases, be sure to carefully position the terminal with the PC board pattern. 5) The positioning bosses give an approximate alignment for positioning on the PC board. For accurate positioning of the connector when mounting it to the PC board, we recommend using an automatic positioning machine. 6) In case of dry condition, please note the occurrence of static electricity. The product may be adhered to the embossed carrier tape or the cover tape in dry condition. Recommended humidity is from 40 to 60%RH and please remove static electricity by ionizer in manufacturing process. 1) Measure the recommended profile temperature for reflow soldering by placing a sensor on the PC board near the connector surface or terminals. (Please refer to the specification for detail because the temperature setting differs by products.) 2) As for cream solder printing, screen printing is recommended. 3) When setting the screen opening area and PC board foot pattern area, refer the recommended PC board pattern and window size of metal mask on the specification sheet, and make sure that the size of board pattern and metal mask at the base of the terminals are not increased. 4) Please pay attentions not to provide too much solder. It makes miss mating because of interference at soldering portion when mating. 5) When mounting on both sides of the PC board and the connector is mounting on the underside, use adhesives or other means to ensure the connector is properly fixed to the PC board. (Double reflow soldering on the same side is possible.) 6) The condition of solder or flux rise and wettability varies depending on the type of solder and flux. Solder and flux characteristics should be taken into consideration and also set the reflow temperature and oxygen level. 7) Do not use resin-containing solder. Otherwise, the contacts might be firmly fixed. 8) Soldering conditions Please use the reflow temperature profile conditions recommended below for reflow soldering. Please contact our sales office before using a temperature profile other than that described below (e.g. lead-free solder) For products other than the ones above, please refer to the latest product specifications. 9) The temperature profiles given in this catalog are values measured when using the connector on a resin-based PC board. When performed reflow soldering on a metal board (iron, aluminum, etc.) or a metal table to mount on a FPC, make sure there is no deformation or discoloration of the connector before mounting. 10) Please contact our sales office when using a screen-printing thickness other than that recommended. Terminal Paste solder PC board foot pattern 60 to 120 sec. Preheating Time Temperature Peak temperature 200℃ 220℃ 260℃ 230℃ 180℃ 150℃ Peak temperature 70 sec. 25 sec. Upper limited (Solder heat resistance) Lower limited (Solder wettability) 1) Set the soldering iron so that the tip temperature is less than that given in the table below. Table A 2) Do not allow flux to spread onto the connector leads or PC board. This may lead to flux rising up to the connector inside. 3) Touch the soldering iron to the foot pattern. After the foot pattern and connector terminal are heated, apply the solder wire so it melts at the end of the connector terminals. 4) Be aware that soldering while applying a load on the connector terminals may cause improper operation of the connector. 5) Thoroughly clean the soldering iron. 6) Flux from the solder wire may get on the contact surfaces during soldering operations. After soldering, carefully check the contact surfaces and clean off any solder before use. 7) These connector is low profile type. If too much solder is supplied for hand soldering, It makes miss mating because of interference at soldering portion. Please pay attentions. Product name Soldering iron temperature SMD type connectors all products 300 °C within 5 sec. 350 °C within 3 sec. Apply the solder wire here Terminal Pattern Small angle as possible up to 45 degrees PC board |
Similar Part No. - AXE820124 |
|
Similar Description - AXE820124 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |