Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AXE820124 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AXE820124
Description  Automation Controls Catalog
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE820124 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXE820124 Datasheet HTML 1Page - Panasonic Semiconductor AXE820124 Datasheet HTML 2Page - Panasonic Semiconductor AXE820124 Datasheet HTML 3Page - Panasonic Semiconductor AXE820124 Datasheet HTML 4Page - Panasonic Semiconductor AXE820124 Datasheet HTML 5Page - Panasonic Semiconductor AXE820124 Datasheet HTML 6Page - Panasonic Semiconductor AXE820124 Datasheet HTML 7Page - Panasonic Semiconductor AXE820124 Datasheet HTML 8Page - Panasonic Semiconductor AXE820124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
–1–
ACCTB2E 201803-T
DETAILED FEATURES
ORDERING INFORMATION
For board-to-FPC
A35S
Narrow pitch connectors
(0.35mm pitch)
Contributes to device miniaturization and advanced functionality with 2.5 mm
width, 0.35 mm pitch and 0.8 mm mated height!
FEATURES
1. 0.35 mm terminal pitch, 2.5 mm width and 0.8 mm mated
height
2. Low profile type with up to 100 pins.
3. “TOUGH CONTACT” construction provides high
resistance to various environmental.
4. Simple lock structure provides tactile feedback to ensure
excellent mating/unmating operation feel.
5. Connectors for inspection available
APPLICATIONS
Smartphones, tablet PC and other mobile devices
Socket
Header
2.0mm
2.5mm
0.35 mm terminal pitch, 2.5 mm width and 0.8 mm mated
height
When mated, the footprint is reduced by approx. 10% from A4S
(60 pins), contributing to the functionality enhancement and size
reduction of end equipment.
High resistance to various environments!
“TOUGH CONTACT” construction provides high contact
reliability
2.5mm
2.5mm
2.5mm
2.0mm
2.0mm
2.0mm
Suction face
0.7 mm
Socket
Header
Soldering terminals at four corners
Soldering terminals at four corners
Suction face
0.7 mm
12.85mm (60 pins)
A4S 14.50mm (60 pins)
12.15mm (60 pins)
A4S 13.80mm (60 pins)
Ni barrier construction
(Tough against solder
rise!)
V notch and Double contact constructions
(Tough against exposure to foreign particles and solder flux!)
Bellows contact construction
(Tough against shock impact!)
Porosity treatment
(Tough against
corrosive gases!)
Number of pins
(2 digits)
Mated height
(Socket/Header)
1: 0.8 mm
Surface treatment (Contact portion / Terminal portion)
(Socket)
7: Base: Ni plating, Surface: Au plating/Base: Ni plating, Surface: Au plating
(Header)
4: Base: Ni plating, Surface: Au plating/Base: Ni plating, Surface: Au plating
2: (Fixed)
AXE
1 2
7: Socket
8: Header


Similar Part No. - AXE820124

ManufacturerPart No.DatasheetDescription
Advanced XTAL Products
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
   SMD PXO (Clock) in CO 26 package
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
   PXO for WLAN Test Equipment
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
   Crystal Oscillator (PXO) 1000 MHz
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
   SMD SPXO with LVDS Output
More results

Similar Description - AXE820124

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
OSRAM GmbH
OSRAM GmbH
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz