Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT08 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FT08
Description  SURFACE MOUNT TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FT08 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FT08 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT08 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT08 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT08 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT08 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
10
8
6
4
2
0
Jun - 02
Fig. 1a: Maximum power dissipation versus
RMS on-state current (FT0807.D, FT0808.D).
0
25
50
75
100
125
P (W)
Fig. 2: Correlation between maximum power dissipation
and maximum allowable temperatures (Tamb and Tcase)
for different thermal resistances heatsink + contact.
T case (ºC)
-110
-115
-120
-125
Fig. 3: RMS on-state current versus ambient
temperature
Fig. 5: Relative variation of gate trigger current
and holding current versus junction temperature
(typical values).
IGT, IH (Tj) / IGT, IH (Tj = 25 ºC)
FT08...D
SURFACE MOUNT TRIAC
I T(RMS) (A)
0
2
10
8
6
4
2
0
4
6
8
P (W)
Tamb (ºC)
Tj (ºC)
Tamb (ºC)
IT(RMS)(A)
1
3
5
7
α = 90 º
α = 60 º
α = 30 º
9
8
7
6
5
4
3
2
1
0
0
25
50
75
100
125
-40
0
2.5
2.0
1.5
1.0
0.5
0.0
40
80
120
-20
20
60
100
α
180 º
α
α = 180 º
α = 120 º
Fig. 1b: Maximum power dissipation versus
RMS on-state current (FT0811.D, FT0814.D).
0
2
10
8
6
4
2
0
4
6
8
P (W)
IT(RMS)(A)
1
3
5
7
α = 90 º
α = 60 º
α
180 º
α
α = 120 º
α = 180 º
α = 30 º
1.0
K = [Zth(j-c) / Rth (j-c)]
Fig. 4: Relative variation of thermal impedance
junction to case versus pulse duration.
1E-3
1E-2
1E-1
1E+0
tp (s)
0.5
0.2
0.1
Rth=15 ºC/W
Rth=10 ºC/W
Rth=5 ºC/W
Rth=0 ºC/W
α = 180 º
Rth(j-a) = Rth(j-c)
α = 180 º
Rth(j-a) = 55 ºC/W
S(Cu) = 1.75 cm2
140
IH
IGT


Similar Part No. - FT08

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0001 SSDI-FT0001 Datasheet
268Kb / 2P
   POWER MOSFET
FT0001 SSDI-FT0001_15 Datasheet
268Kb / 2P
   POWER MOSFET
FT0004 SSDI-FT0004 Datasheet
61Kb / 2P
   POWER MOSFET
FT0004 SSDI-FT0004_15 Datasheet
61Kb / 2P
   N-CHANNEL POWER MOSFET
FT0006 SSDI-FT0006 Datasheet
50Kb / 2P
   POWER MOSFET
More results

Similar Description - FT08

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG2D60D SANREX-TMG2D60D Datasheet
478Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
logo
Central Semiconductor C...
CQ223-2M CENTRAL-CQ223-2M Datasheet
371Kb / 2P
   SURFACE MOUNT 2 AMP SILICON TRIAC
CQDD-25B CENTRAL-CQDD-25B Datasheet
405Kb / 2P
   SURFACE MOUNT 25 AMP SILICON TRIAC
logo
SanRex Corporation
TMG5D80D SANREX-TMG5D80D Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG8C60H SANREX-TMG8C60H Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG12D80H SANREX-TMG12D80H Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG2CQ60D SANREX-TMG2CQ60D Datasheet
479Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
TMG1CQ60A SANREX-TMG1CQ60A Datasheet
469Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG3D60D SANREX-TMG3D60D Datasheet
478Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
logo
Central Semiconductor C...
CQ89-2M CENTRAL-CQ89-2M Datasheet
291Kb / 2P
   SURFACE MOUNT 2 AMP SILICON TRIAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com