Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT0807MD00TR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT0807MD00TR
Description  SURFACE MOUNT TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FT0807MD00TR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT0807MD00TR Datasheet HTML 1Page - List of Unclassifed Manufacturers FT0807MD00TR Datasheet HTML 2Page - List of Unclassifed Manufacturers FT0807MD00TR Datasheet HTML 3Page - List of Unclassifed Manufacturers FT0807MD00TR Datasheet HTML 4Page - List of Unclassifed Manufacturers FT0807MD00TR Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
On-State Current
8 Amp
FT08...D
SURFACE MOUNT TRIAC
This series of TRIACs uses a high performance
PNPN technology.
These devices are intended for AC control
applications using surface mount technology.
The high commutation performances combined with
high sensitivity, make them perfect in all applications
like solid state relays, home appliances, power tools,
small motor drives...
Jun - 02
Absolute Maximum Ratings, according to IEC publication No. 134
RMS On-state Current
Non-repetitive On-State Current
Non-repetitive On-State Current
Fusing Current
Peak Gate Current
Peak Gate Dissipation
Gate Dissipation
Critical rate of rise of on-state current
Operating Temperature Range
Storage Temperature Range
Lead Temperature for soldering
IT(RMS)
PARAMETER
CONDITIONS
Min.
Max.
Unit
DPAK
(Plastic)
Gate Trigger Current
< 5 mA to < 50 mA
Off-State Voltage
200 V ÷ 600 V
SYMBOL
ITSM
ITSM
I2t
IGM
PGM
PG(AV)
Tj
Tstg
TL
All Conduction Angle, TC = 110 ºC
Half Cycle, 60 Hz
Half Cycle, 50 Hz
tp = 10 ms, Half Cycle
20 µs max.
20 µs max.
20 ms max.
10s max.
8
84
80
36
50
-40
-40
A
A
A
A2s
A
W
W
A/µs
ºC
ºC
ºC
4
10
1
+125
+150
260
di/dt
MT1
MT2
G
MT2
Repetitive Peak Off State
Voltage
PARAMETER
VOLTAGE
Unit
SYMBOL
VDRM
VRRM
B
200
V
M
600
D
400
Tr
≤ 100 ns, F = 120 Hz
Tj = 125 ºC
IG = 2 x IGT


Similar Part No. - FT0807MD00TR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0001 SSDI-FT0001 Datasheet
268Kb / 2P
   POWER MOSFET
FT0001 SSDI-FT0001_15 Datasheet
268Kb / 2P
   POWER MOSFET
FT0004 SSDI-FT0004 Datasheet
61Kb / 2P
   POWER MOSFET
FT0004 SSDI-FT0004_15 Datasheet
61Kb / 2P
   N-CHANNEL POWER MOSFET
FT0006 SSDI-FT0006 Datasheet
50Kb / 2P
   POWER MOSFET
More results

Similar Description - FT0807MD00TR

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG2D60D SANREX-TMG2D60D Datasheet
478Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
logo
Central Semiconductor C...
CQ223-2M CENTRAL-CQ223-2M Datasheet
371Kb / 2P
   SURFACE MOUNT 2 AMP SILICON TRIAC
CQDD-25B CENTRAL-CQDD-25B Datasheet
405Kb / 2P
   SURFACE MOUNT 25 AMP SILICON TRIAC
logo
SanRex Corporation
TMG5D80D SANREX-TMG5D80D Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG8C60H SANREX-TMG8C60H Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG12D80H SANREX-TMG12D80H Datasheet
471Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG2CQ60D SANREX-TMG2CQ60D Datasheet
479Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
TMG1CQ60A SANREX-TMG1CQ60A Datasheet
469Kb / 2P
   TRIAC(Surface Mount Device/Non-isolated)
TMG3D60D SANREX-TMG3D60D Datasheet
478Kb / 3P
   TRIAC(Surface Mount Device/Non-isolated)
logo
Central Semiconductor C...
CQ89-2M CENTRAL-CQ89-2M Datasheet
291Kb / 2P
   SURFACE MOUNT 2 AMP SILICON TRIAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com