Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD352IN Datasheet(PDF) 9 Page - STMicroelectronics

Part # TD352IN
Description  Advanced IGBT/MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD352IN Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TD352IN Datasheet HTML 5Page - STMicroelectronics TD352IN Datasheet HTML 6Page - STMicroelectronics TD352IN Datasheet HTML 7Page - STMicroelectronics TD352IN Datasheet HTML 8Page - STMicroelectronics TD352IN Datasheet HTML 9Page - STMicroelectronics TD352IN Datasheet HTML 10Page - STMicroelectronics TD352IN Datasheet HTML 11Page - STMicroelectronics TD352IN Datasheet HTML 12Page - STMicroelectronics TD352IN Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Typical Performance Curves
TD352
9/13
6 Typical Performance Curves
Figure 7. Quiescent current vs. temperature
Figure 8. Low level output voltage vs.
temperature
Figure 9. Sink current vs. temperature
Figure 10. Rdel resistance vs. temperature
Figure 11. High level output voltage vs.
temperature
Figure 12. Source current vs. temperature
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
Temp (°C)
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosink=20mA
Iosink=500mA
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosink=20mA
Iosink=500mA
1000
1200
1400
1600
1800
2000
-50
-25
0
25
50
75
100
125
Temp (°C)
0
100
200
300
400
500
-50
-25
0
255075
100
125
Temp (°C)
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosource=20mA
Iosource=500mA
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosource=20mA
Iosource=500mA
800
1000
1200
1400
1600
-50
-25
0
25
50
75
100
125
Temp (°C)


Similar Part No. - TD352IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
More results

Similar Description - TD352IN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com