Selected language     English  ▼


UTC2030 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. UTC2030
Description  18W Hi-Fi AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 2 page
background image
UTC2030
LINEAR INTEGRATED CIRCUIT
YOUWANG ELECTRONICS CO.LTD
2
PIN CONNECTION
1 Non inverting input
2 Inverting input
3 -Vs
4 Output
5 +Vs
ELECTRICAL CHARACTERISTICS(Refer to the test circuit,Vs=±16V,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vs
±6
±18
V
Quiescent drain
current
Id
50
80
mA
Input bias current
Ib
0.2
2
µA
Input offset voltage
Vos
Vs=
±16v
±2
±20
mV
Input offset current
Ios
±20
±200
nA
d=0.5%, Gv=26dB
f=40 to 15kHz
Output power
Po
RL=4
15
18
W
RL=8
10
12
W
Power bandwidth
BW
Po=15W, RL=4
100
kHz
Slew rate
SR
8
V/
µsec
Open loop voltage
gain
Gvo
f=1kHz
80
dB
Closed loop
voltage gain
Gvc
25.5
26
26.5
dB
Total Harmonic
distortion
d
Po=0.1 to 14W, RL=4
f=40Hz to 15kHz
0.08
%
Po=0.1 to 14W, RL=4
f=1kHz
0.03
%
Total Harmonic
distortion
d
Po=0.1 to 9W, RL=8
f=40Hz to 15kHz
0.5
%
Second order CCIF
intermodulation
distortion
d2
Po=4W, RL=4
f2-f1=1kHz
0.03
%
Third order CCIF
intermodulation
distortion
d3
f2=14KHz,
f1=15kHz
0.08
%
Input noise voltage
B=curve A
2
µV
Input noise current
B= 22Hz to 22kHz
3
10
µV
RL=4
Ω, Rg=10kΩ, B=curve A
Signl to Nois rtio
S/N
Po=15W
106
dB
Po=1W
94
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA2030A18W Hi-Fi AMPLIFIER AND 35W DRIVER 1 2 3 4 5 MoreSTMicroelectronics
UPD1681035-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
UPD168103A5-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
NTE293Silicon Complementary Transistors Audio Amplifier and Driver 1 2 NTE Electronics
2SC5027NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER CHROMA OUTPUT APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3619NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER COLOR TV CHROMA OUTPUT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SC2229TRANSISTOR BLACK AND WHITE TV VIDEO OUTPUT HIGH VOLTAHE SWITCHING DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS 1 2 3 Toshiba Semiconductor
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
2SC982TMNPN EPITAXIAL TYPE PRINTER DRIVE CORE DRIVER AND LED DRIVE LOW FREQUENCY AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl