Selected language     English  ▼


UTC2030 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. UTC2030
Description  18W Hi-Fi AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
UTC2030
LINEAR INTEGRATED CIRCUIT
YOUWANG ELECTRONICS CO.LTD
3
(continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Resistance
(pin 1)
open loop, f=1kHz
0.5
5
M
Supply Voltage
rejection
RL=4
Ω, Gv=26dB
Rg=22k
Ω, f=100Hz
54
dB
Thermal Shut-down
junction
temperature
145
°C
TEST CIRCUITS
UTC2030
1
2
3
5
4
Vi
+Vs
-Vs
C1
1
μF
C2
22
μF
C6
220
μF
C4
100nF
C7
220nF
C3
100nF
C5
220
μF
D1
1N4001
D1
1N4001
R3
22k
Ω
R1
13k
Ω
R4
1
Ω
RL
R3
680
Ω




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA2030A18W Hi-Fi AMPLIFIER AND 35W DRIVER 1 2 3 4 5 MoreSTMicroelectronics
UPD1681035-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
UPD168103A5-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
NTE293Silicon Complementary Transistors Audio Amplifier and Driver 1 2 NTE Electronics
2SC5027NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER CHROMA OUTPUT APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3619NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER COLOR TV CHROMA OUTPUT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SC2229TRANSISTOR BLACK AND WHITE TV VIDEO OUTPUT HIGH VOLTAHE SWITCHING DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS 1 2 3 Toshiba Semiconductor
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
2SC982TMNPN EPITAXIAL TYPE PRINTER DRIVE CORE DRIVER AND LED DRIVE LOW FREQUENCY AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl