Selected language     English  ▼


UTC2030 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. UTC2030
Description  18W Hi-Fi AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image
UTC2030
LINEAR INTEGRATED CIRCUIT
YOUWANG ELECTRONICS CO.LTD
5
10
2
10
3
10
4
10
5
10
6
10
7
10
1
-60
-20
20
60
100
140
Phase
Gain
Gv
(dB)
180
90
0
Fig.2 Open loop frequency
response
22
24
26
28
30
32
18
3
6
9
12
15
RL=4
Ω
RL=8
Ω
Gv=26dB
d=0.5%
f=40 to 15kHz
Fig.3 Output power vs. Supply
voltage
Fig.4 Total harmonic distortion
vs. output power
Fig.5 Two tone CCIF
intermodulation distortion
10
-1
10
0
10
1
10
2
10
-2
10
-2
10
-1
10
0
10
1
10
2
Vs=32V
RL=8
Ω
Vs=28V
RL=4
Ω
f=15kHz
f=1kHz
Gv=26dB
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
Order (2f1-f2)
Order (2f2-f1)
Vs=32V
Po=4W
RL=4
Ω
Gv=26dB
Fig.6 Large signal frequency
response
Fig.7 Maximum allowable power
dissipation vs. ambient
temperture
10
1
10
2
10
3
10
4
30
5
10
15
20
25
Vs=
±15V
RL=4
Ω
Vs=
±15V
RL=8
Ω
-50
0
50
100
150
200
30
5
10
15
20
25
he
ats
ink
ha
vin
g
Rth
=4℃
/W
hea
tsin
k h
avin
g
Rth
=8℃
/W
Tamb (
℃)
Ptot
(W)
Frequency (kHz)
Vo
(Vp-p)
Po (W)
Frequency (Hz)
Po (W)
Vs (V)
Frequency (Hz)
Po
(W)
d
( % )
d
( % )




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA2030A18W Hi-Fi AMPLIFIER AND 35W DRIVER 1 2 3 4 5 MoreSTMicroelectronics
UPD1681035-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
UPD168103A5-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
NTE293Silicon Complementary Transistors Audio Amplifier and Driver 1 2 NTE Electronics
2SC5027NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER CHROMA OUTPUT APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3619NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER COLOR TV CHROMA OUTPUT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SC2229TRANSISTOR BLACK AND WHITE TV VIDEO OUTPUT HIGH VOLTAHE SWITCHING DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS 1 2 3 Toshiba Semiconductor
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
2SC982TMNPN EPITAXIAL TYPE PRINTER DRIVE CORE DRIVER AND LED DRIVE LOW FREQUENCY AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl