Selected language     English  ▼


UTC2030 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. UTC2030
Description  18W Hi-Fi AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 6 page
background image
UTC2030
LINEAR INTEGRATED CIRCUIT
YOUWANG ELECTRONICS CO.LTD
6
UTC2030
1
2
3
5
4
Vi
+Vs
μ
R3
56k
Ω
Ω
R4
3.3k
Ω
C4
10
μF
R1
56k
Ω
C1
2.2
μF
R2
56k
Ω
μ
C5
220
μF
/40V
C8
2200
μF
R6
1.5
Ω
μ
R5
30k
Ω
R7
1.5
Ω
R8
1
Ω
C7
0.22
μF
BD908
BD907
Fig. 8 Single supply high power amplifier(UTC2030+BD908/BD907)
TYPICAL PERFORMANCE OF THE CIRCUIT OF FIG. 8
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vs
28
36
V
Quiescent drain
current
Id
Vs=32V
50
mA
d=0.5%,RL=4
f=40Hz to 15kHz,Vs=32V
32
Output power
Po
d=0.5%,RL=4
f=40Hz to 15kHz,Vs=28V
26
W
d=0.5%,f=1kHz,
RL=4
Ω,Vs=32V
35
d=0.5%,RL=4
f=1kHz,Vs=28V
28
Voltage Gain
Gv
f=1kHz
19.5
20
20.5
dB
Slew Rate
SR
8
V/
µsec
Total harmonic
d
Po=20W,f=1kHz
0.02
%
distortion
Po=20W,f=40Hz to 15kHz
0.05
%
Input sensitivity
Vi
Gv=20dB,Po=20W,
f=1kHz,RL=4
890
mV
Signal to Noise
S/N
RL=4
Ω,Rg=10kΩ
B=curve A,Po=25W
108
dB
Ratio
RL=4
Ω,Rg=10kΩ
B=curve A,Po=25W
100




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA2030A18W Hi-Fi AMPLIFIER AND 35W DRIVER 1 2 3 4 5 MoreSTMicroelectronics
UPD1681035-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
UPD168103A5-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
NTE293Silicon Complementary Transistors Audio Amplifier and Driver 1 2 NTE Electronics
2SC5027NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER CHROMA OUTPUT APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3619NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER COLOR TV CHROMA OUTPUT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SC2229TRANSISTOR BLACK AND WHITE TV VIDEO OUTPUT HIGH VOLTAHE SWITCHING DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS 1 2 3 Toshiba Semiconductor
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
2SC982TMNPN EPITAXIAL TYPE PRINTER DRIVE CORE DRIVER AND LED DRIVE LOW FREQUENCY AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl