Selected language     English  ▼


UTC2030 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. UTC2030
Description  18W Hi-Fi AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
UTC2030
LINEAR INTEGRATED CIRCUIT
YOUWANG ELECTRONICS CO.LTD
1
18W Hi-Fi AMPLIFIER AND
35W DRIVER
DESCRIPTION
The UTC2030 is a monolithic IC in Pentawatt package
intended for use as low frequency class AB amplifier.
With Vsmax=32V it is particularly suited for more reliable
applications without regulated supply and for 35W driver
circuits using lowcost complementary pairs.
The UTC2030 provides high output current and has very
low harmonic and cross-over distortion.
Further the device incorporates a short circuit protection
system comprising an arrangement for automatically limiting
the dissipated power to as to keep the working point of the
output transistors within their safe operating area. A
conventional thermal shut-down system is also included.
TO-220B
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
CHARACTERISTICS
SYMBOL
VALUE
UNITS
Supply Voltage
Vs
±20
V
Input Voltage
Vi
Vs
V
Differential input voltage
Vdi
±13
V
Peak output current (internally limited)
Io
3.5
A
Total power dissipation at Tcase=90
°C
Ptot
20
W
Storage temperature
Tstg
-40~+150
°C
junction temperature
Tj
-40~+150
°C
TYPICAL APPLICATION
UTC2030
1
2
3
5
4
Vi
+Vs
-Vs
C1
1
μF
C2
22
μF
C6
100
μF
C4
100nF
C7
220nF
C5
100nF
C3
100
μF
D1
1N4001
D1
1N4001
R3
22k
Ω
R1
22k
Ω
R5
C8
R4
1
Ω
RL
R3
680
Ω




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA2030A18W Hi-Fi AMPLIFIER AND 35W DRIVER 1 2 3 4 5 MoreSTMicroelectronics
UPD1681035-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
UPD168103A5-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
NTE293Silicon Complementary Transistors Audio Amplifier and Driver 1 2 NTE Electronics
2SC5027NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER CHROMA OUTPUT APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3619NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV HORIZONTAL DRIVER COLOR TV CHROMA OUTPUT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SC2229TRANSISTOR BLACK AND WHITE TV VIDEO OUTPUT HIGH VOLTAHE SWITCHING DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS 1 2 3 Toshiba Semiconductor
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
2SC982TMNPN EPITAXIAL TYPE PRINTER DRIVE CORE DRIVER AND LED DRIVE LOW FREQUENCY AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl