Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7303 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS7303
Description  3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7303 Datasheet(HTML) 4 Page - Texas Instruments

  THS7303 Datasheet HTML 1Page - Texas Instruments THS7303 Datasheet HTML 2Page - Texas Instruments THS7303 Datasheet HTML 3Page - Texas Instruments THS7303 Datasheet HTML 4Page - Texas Instruments THS7303 Datasheet HTML 5Page - Texas Instruments THS7303 Datasheet HTML 6Page - Texas Instruments THS7303 Datasheet HTML 7Page - Texas Instruments THS7303 Datasheet HTML 8Page - Texas Instruments THS7303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
www.ti.com
THS7303
SLOS479 – OCTOBER 2005
ELECTRICAL CHARACTERISTICS, V
S+ = 3.3 V (continued)
R
L = 150 Ω to GND, Filter Select = 9 MHz, Input Bias = DC, SAG pin shorted to the output pin (unless otherwise noted)
TYP
OVERTEMPERATURE
PARAMETER
TEST CONDITIONS
–40
°C to
25
°C
25
°C
0
°C to 70°C
UNITS
MIN/MAX
85
°C
Filter Select = 9 MHz: at 5.1 MHz
70
dB
Filter Select = 16 MHz: at 11 MHz
69
dB
MUX Isolation
Filter Select = 35 MHz: at 27 MHz
69
dB
Filter Select = Bypass: at 60 MHz
73
dB
AC gain – All channels
f = 100 kHz
6
5.7/6.3
5.65/6.35
5.65/6.35
dB
Min/Max
Output impedance
f = 10 MHz
0.7
DC PERFORMANCE
Output offset voltage
Bias = dc
35
90
95
95
mV
Max
Average offset voltage drift
Bias = dc
20
µV/°C
Bias = dc + 135 mV, VI = 0 V
290
235/345
215/360
200/375
mV
Min/Max
Bias output voltage
Bias = ac
1.65
1.5/1.8
1.45/1.85
1.45/1.85
V
Min/Max
Sync tip clamp output voltage
Bias = ac STC
290
210/370
200/380
195/385
mV
Min/Max
Input bias current
Bias = dc - implies Ib out of the pin
–0.6
–4
–5
–5
µA
Max
Average bias current drift
Bias = dc
10
nA/
°C
Bias = ac STC, low bias
1.8
0.6/3.3
0.5/3.5
0.4/3.6
µA
Min/Max
Sync tip clamp bias current
Bias = ac STC, mid bias
5.8
4.3/8.2
4.1/8.4
4/8.5
µA
Min/Max
Bias = ac STC, high bias
7.8
6.2/10.8
6/11
5.9/11.1
µA
Min/Max
INPUT CHARACTERISTICS
Input voltage range
Bias = dc - limited by output
0/1.57
0/1.52
0/1.47
0/1.47
V
Min/Max
Bias = ac bias mode
19
k
Input resistance
Bias = dc, dc + 135 mV, ac STC
3
M
Input capacitance
2
pF
OUTPUT CHARACTERISTICS
RL = 150 Ω to midrail
3.15
2.9
2.8
2.8
V
Min
RL = 150 Ω to GND
3.05
2.85
2.75
2.75
V
Min
High output voltage swing
RL = 75 Ω to midrail
3.05
2.8
2.7
2.7
V
Min
RL = 75 Ω to GND
2.9
2.65
2.55
2.55
V
Min
RL = 150 Ω to midrail
0.14
0.24
0.27
0.28
V
Max
RL = 150 Ω to GND
0.09
0.17
0.2
0.21
V
Max
Low output voltage swing
RL = 75 Ω to GND
0.24
0.33
0.36
0.37
V
Max
RL = 75 Ω to GND
0.09
0.17
0.2
0.21
V
Max
RL = 10 Ω to midrail, sourcing
70
45
42
40
mA
Min
Output current
RL = 10 Ω to midrail, sinking
70
45
42
40
mA
Min
POWER SUPPLY
Maximum operating voltage
3.3
5.5
5.5
5.5
V
Max
Minimum operating voltage
3.3
2.6
2.6
2.6
V
Min
Maximum quiescent current
Per channel VI = 200 mV
6
7.2
7.4
7.5
mA
Max
Minimum quiescent current
Per channel VI = 200 mV
6
4.8
4.6
4.5
mA
Min
Total quiescent current
All channels ON, VI = 200 mV(3)
16.6
mA
Power supply rejection
VS+ = 3.5 V to 3.1 V
62
37
35
35
dB
Min
(+PSRR)
(3)
Due to sharing of internal bias currents, the quiescent current, with all channels operating, is less than the single individual channel
quiescent currents added together.
4


Similar Part No. - THS7303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7313PW TI-THS7313PW Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7313PWR TI-THS7313PWR Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
logo
BCD Semiconductor Manuf...
AA4006 BCDSEMI-AA4006 Datasheet
433Kb / 2P
   2.7W stereo audio power Amplifier with 4 Selectable Gain Setups and Input Mux
logo
Texas Instruments
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Analog Devices
AD8432 AD-AD8432 Datasheet
720Kb / 28P
   Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com