Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EWTS5G Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EWTS5G
Description  6DoF Automotive Inertial Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EWTS5G Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EWTS5G Datasheet HTML 1Page - Panasonic Semiconductor EWTS5G Datasheet HTML 2Page - Panasonic Semiconductor EWTS5G Datasheet HTML 3Page - Panasonic Semiconductor EWTS5G Datasheet HTML 4Page - Panasonic Semiconductor EWTS5G Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6DoF Automotive Inertial Sensor
・Recommended land pattern (to reduce mounting stress, recommend to use exact pads design)
``
Unit:mm
EWTS5G series
No.
Abbreviations
1
MOSI
MSD Pad Design
Electrical connection and Pin-out
2
GND3 (MEMS cap)
3, 4, 5
NC
6
TP3
7
GND
8
VDDIO
9
MISO
17
GND4 (MEMS cap)
10
REGOUT
11
VDD
12
TP1
13
TP2
14, 15, 16
NC
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
21
DVDD
22
GND2 (duplicate)
23
NCS
24
SCLK
- Top View
18
RESETN
19
TP0 / ALARMB
20
VPP
6-5.3
6-3.34
24-0.3
2-0.5
2-1.5
2-2.5
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1pin
recognition mark
R1 (10 to 100kΩ)
C2 0.1 μF
C1 0.1 μF
C3 0.1 μF
3.3 V
3.3 V


Similar Part No. - EWTS5G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EWTS5G PANASONIC-EWTS5G_V01 Datasheet
1Mb / 39P
   6DoF Inertial Sensor for Automotive
Revision: 1.04 6/09/2022
More results

Similar Description - EWTS5G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EWTS5G PANASONIC-EWTS5G_V01 Datasheet
1Mb / 39P
   6DoF Inertial Sensor for Automotive
Revision: 1.04 6/09/2022
logo
Bosch Sensortec GmbH
SMI130 BOSCH-SMI130 Datasheet
1Mb / 63P
   Inertial Sensor (6DoF) for Non-Safety Automotive Applications
logo
List of Unclassifed Man...
BMI055 ETC2-BMI055 Datasheet
2Mb / 148P
   Small, versatile 6DoF sensor module
logo
Bosch Sensortec GmbH
BMI055 BOSCH-BMI055 Datasheet
3Mb / 149P
   Small, versatile 6DoF sensor module
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com