Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EWTS5G Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EWTS5G
Description  6DoF Automotive Inertial Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EWTS5G Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EWTS5G Datasheet HTML 1Page - Panasonic Semiconductor EWTS5G Datasheet HTML 2Page - Panasonic Semiconductor EWTS5G Datasheet HTML 3Page - Panasonic Semiconductor EWTS5G Datasheet HTML 4Page - Panasonic Semiconductor EWTS5G Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6DoF Automotive Inertial Sensor
The 6in1 sensor is a 6DoF inertial sensor with functional safety standard ISO26262 compliance for automotive
applications. The sensing elements consists 3 Accelerometers and 3 Gyroscopes in single MEMS chip.
The MEMS, ASIC and Cap are directly bonded at wafer level and packaged.
This enables the 6in1 sensor to be compact, highly accurate, easy to install, and highly reliable.
● Functional Safety compliance (ISO26262) for automotive safety systems
・Compatible with ASIL-D functional safety system development
● 6DoF sensors on one single MEMS chip with high accuracy for more system design flexibility
・Orthogonality : ≦0.5° between Gyro and Acceleration axis
● Enable compact and simple ECU system design
・6in1 sensor package size:4.5 x 4.5 x 1.1 mm
`
● RoHS compliance
● Characteristics
● Reliability test conditions (AEC-Q100 compliance)
Unit:mm
EWTS5G series
Axis
Zero point error
Scale factor error
Full scale range
≦ 10 mA
SPI
X, Y, Z
Gyro
≦ 0.1 dps rms(LPF : 60 Hz)
≦ 0.5°
Frequency response
Cross axis sensitivity
Output noise
Orthogonality
85 ℃ / 85 %RH / 3.6 V / 1000 h
125 ℃ / 1000 h
125 ℃ / 3.6 V / 1000 h
6in1 Sensor
Size (mm)
Operation temperature
Rating
Feature
Storage temperature
Operation voltage [DC]
4.5x4.5x1.1
-40 ℃ to +105 ℃
-40 ℃ to +105 ℃
3.3 ± 0.3 V
Current consumption
Data interface
Variable frequency vibration(VFV)
Acceleration
Temperature humidity bias(THB)
Scale factor error
Axis
Zero point error
± 16 G, ± 8 G, ± 2 G, ± 1 G (Selectable)
10 Hz, 46 Hz, 60 Hz, 250 Hz, 300 Hz, 400 Hz (Selectable)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
≦ ± 2.0 %
≦ 4 mG rms(LPF : 60 Hz)
≦ 0.5°
Full scale range
Frequency response
50 G / 20 Hz to 2 kHz / 4 times for each axis
Dimension
Cross axis sensitivity
Output noise
Orthogonality
X, Y, Z
≦ ± 50 mG (X, Y), ≦ ± 84 mG (Z)
≦ ± 3.0 %
10 Hz, 12.5 Hz, 27 Hz, 30 Hz, 46 Hz, 60 Hz (Selectable)
≦ ± 2.0 dps
≦ ± 3.0 %
± 300 dps, ± 150 dps, ± 120 dps, ± 60 dps, ± 30 dps (Selectable)
≦ ± 2.0 %
-55 ℃ to 125 ℃ / 1000 cycles
1500 G / 0.5 ms / 5 times for each axis
High temperature storage life(HTSL)
High temperature operating life(HTOL)
Temp cycling(TC)
Mechanical shock(MS)
4.5±0.1
1.1±0.05
0.53±0.05
2.94±0.05


Similar Part No. - EWTS5G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EWTS5G PANASONIC-EWTS5G_V01 Datasheet
1Mb / 39P
   6DoF Inertial Sensor for Automotive
Revision: 1.04 6/09/2022
More results

Similar Description - EWTS5G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EWTS5G PANASONIC-EWTS5G_V01 Datasheet
1Mb / 39P
   6DoF Inertial Sensor for Automotive
Revision: 1.04 6/09/2022
logo
Bosch Sensortec GmbH
SMI130 BOSCH-SMI130 Datasheet
1Mb / 63P
   Inertial Sensor (6DoF) for Non-Safety Automotive Applications
logo
List of Unclassifed Man...
BMI055 ETC2-BMI055 Datasheet
2Mb / 148P
   Small, versatile 6DoF sensor module
logo
Bosch Sensortec GmbH
BMI055 BOSCH-BMI055 Datasheet
3Mb / 149P
   Small, versatile 6DoF sensor module
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com