Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH287F-YA Datasheet(PDF) 3 Page - Anachip Corp

Part # AH287F-YA
Description  High Voltage Hall-Effect Smart Fan Motor Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH287F-YA Datasheet(HTML) 3 Page - Anachip Corp

  AH287F-YA Datasheet HTML 1Page - Anachip Corp AH287F-YA Datasheet HTML 2Page - Anachip Corp AH287F-YA Datasheet HTML 3Page - Anachip Corp AH287F-YA Datasheet HTML 4Page - Anachip Corp AH287F-YA Datasheet HTML 5Page - Anachip Corp AH287F-YA Datasheet HTML 6Page - Anachip Corp AH287F-YA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AH287
High Voltage Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jan 17, 2005
3/7
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
30
V
IO(AVE)
SIP4/SOT89-5
400
Output Current
IO(PEAK)
700
mA
SIP4
550
Power Dissipation
PD
SOT89-5
800
mW
Operating Temperature
Topr
-40 ~ 100
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Maximum Junction Temp.
Tj
150
°C
SIP4
227
°C/W
Thermal Resistance
θjc
SOT89-5
156
°C/W
Electrical Characteristics (Ta = 25 °C, V
CC =24V, unless otherwise specified)
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
Operating
3.8
-
28*
V
Supply current
Icc
Operating
-
2.0
4.0
mA
Output Leakage Current
Ioff
VOUT=24V
-
< 0.1
10
µA
Locked Protection On
Tlrp-on
0.4
0.46
0.6
Sec
Locked Protection Off
Tlrp-off
2.4
2.76
3.6
Sec
IO=200mA
-
450
700
Output saturation voltage
)
sat
(
OUT
V
IO=300mA
-
680
800
mV
Output On resistance
Rds(on)
IO=200mA
-
2.25
3.5
ohm
Output Zener-breakdown Voltage
Vz
42
55
65
V
*Note: Please watch out the current limit issue when the operation voltage is over 26.4V, because of the different efficiency in the coil.
Magnetic Characteristics (Ta = 25 °C, V
CC = 24V, unless otherwise specified)
(1mT=10 Gauss)
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
10
30
60
Gauss
Release Point
Brp
-60
-30
-10
Gauss
Hysteresis
Bhy
--
60
--
Gauss


Similar Part No. - AH287F-YA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287 BCDSEMI-AH287 Datasheet
596Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
212Kb / 11P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH287-PG-B DIODES-AH287-PG-B Datasheet
212Kb / 11P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
More results

Similar Description - AH287F-YA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
logo
Anachip Corp
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com