Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC950DGGG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC950DGGG4
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950DGGG4 Datasheet(HTML) 5 Page - Texas Instruments

  CDC950DGGG4 Datasheet HTML 1Page - Texas Instruments CDC950DGGG4 Datasheet HTML 2Page - Texas Instruments CDC950DGGG4 Datasheet HTML 3Page - Texas Instruments CDC950DGGG4 Datasheet HTML 4Page - Texas Instruments CDC950DGGG4 Datasheet HTML 5Page - Texas Instruments CDC950DGGG4 Datasheet HTML 6Page - Texas Instruments CDC950DGGG4 Datasheet HTML 7Page - Texas Instruments CDC950DGGG4 Datasheet HTML 8Page - Texas Instruments CDC950DGGG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables (Continued)
Table 5. Host/HOST Output Buffer Specifications
INPUT
BOARD TARGET
REFERENCE R,
OUTPUT CURRENT
VOH at Z
MultSel0
MultSel1
BOARD TARGET
TRACE/TERM Z
REFERENCE R,
IREF = VDD/(3 Rr)
OUTPUT CURRENT
IOH
VOH at Z
0
0
60
Rr = 475 1%,
I_REF = 2.32 mA
5
× IREF
0.71 V at 60
0
0
50
Rr = 475 1%,
I_REF = 2.32 mA
5
× IREF
0.59 V at 50
0
1
60
Rr = 475 1%,
I_REF = 2.32 mA
6
× IREF
0.85 V at 60
0
1
50
Rr = 475 1%,
I_REF = 2.32 mA
6
× IREF
0.71 V at 50
1
0
60
Rr = 475 1%,
I_REF = 2.32 mA
4
× IREF
0.56 V at 60
1
0
50
Rr = 475 1%,
I_REF = 2.32 mA
4
× IREF
0.47 V at 50
1
1
60
Rr = 475 1%,
I_REF = 2.32 mA
7
× IREF
0.99 V at 60
1
1
50
Rr = 475 1%,
I_REF = 2.32 mA
7
× IREF
0.82 V at 50
0
0
30 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
5
× IREF
0.75 V at 30
0
0
25 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
5
× IREF
0.62 V at 25
0
1
30 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
6
× IREF
0.90 V at 30
0
1
25 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
6
× IREF
0.75 V at 25
1
0
30 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
4
× IREF
0.60 V at 30
1
0
25 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
4
× IREF
0.5 V at 25
1
1
30 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
7
× IREF
1.05 V at 30
1
1
25 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
7
× IREF
0.84 V at 25
NOTE: The entries in boldface are the primary system configurations of interest. The outputs should be optimized for these configurations.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VDD
−0.5 V to 4.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance or power-off state, VO
(see Note 1)
–0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
2
× rated IOL
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK:(VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(VI > VDD)
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK:(VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO > VDD)
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2)
89
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 3)
1070 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for the through-hole packages,
which use a trace length of zero.
3. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.
For more information, refer to the Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data
Book, literature number SCBD002.


Similar Part No. - CDC950DGGG4

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
   The smart system for automated measuring points
2022-03-04
logo
Texas Instruments
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PW TI-CDC906PW Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWG4 TI-CDC906PWG4 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWR TI-CDC906PWR Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

Similar Description - CDC950DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC930 TI-CDC930 Datasheet
363Kb / 17P
[Old version datasheet]   133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924 TI-CDC924 Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI-CDC925 Datasheet
253Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC922 TI-CDC922 Datasheet
239Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC921 TI-CDC921 Datasheet
235Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com