Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRC403E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC403E
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC403E Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC403E Datasheet HTML 1Page - KEC(Korea Electronics) KRC403E Datasheet HTML 2Page - KEC(Korea Electronics) KRC403E Datasheet HTML 3Page - KEC(Korea Electronics) KRC403E Datasheet HTML 4Page - KEC(Korea Electronics) KRC403E Datasheet HTML 5Page - KEC(Korea Electronics) KRC403E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1999. 6. 8
2/6
KRC401E~KRC406E
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC401E 406E
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC Current Gain
KRC401E
GI
VO=5V, IO=10mA
30
55
-
KRC402E
50
80
-
KRC403E
70
120
-
KRC404E
80
200
-
KRC405E
80
200
-
KRC406E
80
200
-
Output Voltage
KRC401E 406E
VO(ON)
IO=10mA, II=0.5mA
-
0.1
0.3
V
Input Voltage (ON)
KRC401E
VI(ON)
VO=0.2V, IO=5mA
-
1.5
2.0
V
KRC402E
-
1.8
2.4
KRC403E
-
2.1
3.0
KRC404E
-
2.8
5.0
KRC405E
-
0.8
1.1
KRC406E
-
0.9
1.3
Input Votlage (OFF)
KRC401E 404E
VI(OFF)
VO=5V, IO=0.1mA
1.0
1.2
-
V
KRC405E 406E
0.5
0.65
-
Transition Frequency
KRC401E 406E
fT *
VO=10V, IO=5mA
-
200
-
MHz
Input Current
KRC401E
II
VI=5V
-
-
1.8
mA
KRC402E
-
-
0.88
KRC403E
-
-
0.36
KRC404E
-
-
0.18
KRC405E
-
-
3.6
KRC406E
-
-
1.8


Similar Part No. - KRC403E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC403 KEC-KRC403 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC403V KEC-KRC403V Datasheet
118Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KRC403E

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com