Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72720N Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC72720N
Description  Single-Chip RDS Signal-Processing System LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72720N Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC72720N Datasheet HTML 1Page - Sanyo Semicon Device LC72720N Datasheet HTML 2Page - Sanyo Semicon Device LC72720N Datasheet HTML 3Page - Sanyo Semicon Device LC72720N Datasheet HTML 4Page - Sanyo Semicon Device LC72720N Datasheet HTML 5Page - Sanyo Semicon Device LC72720N Datasheet HTML 6Page - Sanyo Semicon Device LC72720N Datasheet HTML 7Page - Sanyo Semicon Device LC72720N Datasheet HTML 8Page - Sanyo Semicon Device LC72720N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
No. 5877-5/14
LC72720N, 72720NM
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VHIS
CL, DI, CE, SYR, T1, T2
0.1 Vddd
V
Output low-level voltage
VOL1
DO, T3, T4, T5, T6, T7 : I = 2 mA
0.4
V
VOL2
SYNC, RDS-ID : I = 8 mA
0.4
V
Input high-level current
IIH1
CL, DI, CE, SYR, T1, T2 : VI = 6.5 V
5.0
µA
IIH2
XIN : VI = Vddd
2.0
11
µA
Input low-level current
IIL1
CL, DI, CE, SYR, T1, T2 : VI = 0 V
5.0
µA
IIL2
XIN : VI = 0 V
2.0
11
µA
Output off leakage current
IOFF
DO, SYNC, RDS-ID, T3, T4, T5, T6, T7 :
5.0
µA
VO = 6.5 V
Current drain
Idd
Vddd + Vdda
12
mA
Continued from preceding page.
CCB Output Data Format
• Each block of output data consists of 32 bits (4 bytes), of which 2 bytes are RDS data and 2 bytes are flag data.
• Any number of 32-bit output data blocks can be output consecutively.
• When there is no data that can be read out in the internal memory, the system outputs blocks of all-zero data
consecutively.
• If data readout is interrupted, the next read operation starts with the 32-bit data block whose readout was interrupted.
However, if only the last bit remains to be read, it will not be possible to reread that whole block.
• The check bits (10 bits) are not output.
• To judge whether or not the data is valid, refer to the error information flags E0 to E2, but the offset word detection
flags (OWD) should never be reffered to.
• If the first four-bits are not “1010”, since the readout data is invalid, readout operation must be halted.
1. Offset word detection flag (1 bit): OWD
2. Offset word information flag (3 bits): B0 to B2
OWD
Offset word detection
1
Detected
0
Not detected (protection function operating)
B
B
B
Offset word
2
1
0
0
0
0
A
0
0
1
B
0
1
0
C
0
1
1
C’
1
0
0
D
1
0
1
E
1
1
0
Unused
1
1
1
Unused
CCB address 6C
Output data/first bit
Last bit
(8) RDS data
(7) Error information flags
(6) Synchronization established flag
(5) ARI (SK) detection flag
(4) RAM data remaining flag
(3) Consecutive RAM read out possible flag
(2) Offset word information flag
(1) Offset word detection flag
Fixed pattern (1010)


Similar Part No. - LC72720N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720M SANYO-LC72720M Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

Similar Description - LC72720N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com