Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD1122VS Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD1122VS
Description  5mW Visible Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1122VS Datasheet(HTML) 2 Page - Sony Corporation

  SLD1122VS Datasheet HTML 1Page - Sony Corporation SLD1122VS Datasheet HTML 2Page - Sony Corporation SLD1122VS Datasheet HTML 3Page - Sony Corporation SLD1122VS Datasheet HTML 4Page - Sony Corporation SLD1122VS Datasheet HTML 5Page - Sony Corporation SLD1122VS Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
– 2 –
SLD1122VS
Electrical and Optical Characteristics (Tc = 25°C)
Tc: Case temperature
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Threshold current
Operating current
Operating voltage
Wavelength
Radiation
angle
Positional
accuracy
Differential efficiency
Astigmatism
Monitor current
Ith
Iop
Vop
λ
θ⊥
θ//
∆X, ∆Y, ∆Z
∆φ//
∆φ⊥
ηD
As
Imon
PO = 3mW
PO = 3mW
PO = 3mW
PO = 3mW
PO = 3mW
PO = 3mW
| Z// – Z
⊥ |
PO = 3mW, Vr = 5V
660
24
7
0.15
0.08
40
50
2.2
670
32
11
0.45
32
0.20
60
70
2.4
685
40
15
±150
±4
±4
0.7
0.60
mA
mA
V
nm
degree
degree
µm
degree
degree
mW/mA
µm
mA
Perpendicular
Parallel
Position
Angle


Similar Part No. - SLD1122VS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1121VS SONY-SLD1121VS Datasheet
51Kb / 6P
   5mW Visible Laser Diode
More results

Similar Description - SLD1122VS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1121VS SONY-SLD1121VS Datasheet
51Kb / 6P
   5mW Visible Laser Diode
logo
Roithner LaserTechnik G...
QL65J7SA ROITHNER-QL65J7SA Datasheet
181Kb / 3P
   Visible Laser Diode
logo
List of Unclassifed Man...
ADL-66201TL ETC2-ADL-66201TL Datasheet
409Kb / 2P
   Visible Laser Diode
logo
Renesas Technology Corp
NDL3321ST RENESAS-NDL3321ST Datasheet
187Kb / 10P
   VISIBLE LASER DIODE
1996
logo
Roithner LaserTechnik G...
RLT6530G ROITHNER-RLT6530G Datasheet
82Kb / 1P
   Visible Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
   Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
   High Power Visible Laser Diode
RLT650_200G ROITHNER-RLT650_200G Datasheet
186Kb / 3P
   High Power Visible Laser Diode
RLT65300T ROITHNER-RLT65300T Datasheet
128Kb / 3P
   High Power Visible Laser Diode
RLT635-100GPD ROITHNER-RLT635-100GPD Datasheet
186Kb / 3P
   high power visible laser diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com