Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK8280 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK8280
Description  80W MIN AF POWER AMP, OUTPUT STAGE (DUAL SUPPLIES) WITH BUILT-IN QUASI CLASS A BIAS CIRCUIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK8280 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK8280 Datasheet HTML 1Page - Sanyo Semicon Device STK8280 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - STK8280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK8280 ETC-STK8280 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
STK8280II ETC-STK8280II Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
More results

Similar Description - STK8280

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK1050II SANYO-STK1050II Datasheet
80Kb / 2P
   Thick Film Hybrid Integrated Circuit 50W min AF Power Amp Output Stage With Built-in Emitter Resistance
STK-0080 SANYO-STK-0080 Datasheet
100Kb / 2P
   Thick Film Hybrid Integrated Circuit Output Stage of 80W min AF Power Amplifier?
logo
NTE Electronics
NTE1882 NTE-NTE1882 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, 100W Min, Dual Power Supplies
logo
Sanyo Semicon Device
STK0100II SANYO-STK0100II Datasheet
75Kb / 1P
   Thick Film Hybrid Integrated Circuit 100W MIN AF POWER AMP, OUTPUT STAGE (DPP)
logo
List of Unclassifed Man...
STK0050 ETC-STK0050 Datasheet
18Kb / 1P
   50W MIN AF POWER AMPLIFIER OUTPUT STAGE (D.P.P.)
STK1030 ETC-STK1030 Datasheet
58Kb / 2P
   3OW min. AF Power Amplifier Output Stage (D.P.P.)
STK0025 ETC-STK0025 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
logo
Sanyo Semicon Device
STK4221II SANYO-STK4221II Datasheet
146Kb / 5P
   AF Power Amplifier (Split Power Supply) (80W 80W min, THD = 0.4%)
logo
List of Unclassifed Man...
STK2155 ETC-STK2155 Datasheet
84Kb / 2P
   2 CHANNEL 50W MIN AF POWER AMPLIFIER OUTPUT STAGE
logo
Sanyo Semicon Device
STK405-120 SANYO-STK405-120 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 80W 80W min, THD =10%????????????
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com