Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8261TW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8261TW
Description  Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8261TW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8261TW Datasheet HTML 7Page - NXP Semiconductors TDA8261TW Datasheet HTML 8Page - NXP Semiconductors TDA8261TW Datasheet HTML 9Page - NXP Semiconductors TDA8261TW Datasheet HTML 10Page - NXP Semiconductors TDA8261TW Datasheet HTML 11Page - NXP Semiconductors TDA8261TW Datasheet HTML 12Page - NXP Semiconductors TDA8261TW Datasheet HTML 13Page - NXP Semiconductors TDA8261TW Datasheet HTML 14Page - NXP Semiconductors TDA8261TW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2004 Dec 02
11
Philips Semiconductors
Product specification
Satellite Zero-IF QPSK/8PSK
downconverter with PLL synthesizer
TDA8261TW
CHARACTERISTICS
Tamb =25 °C; VCC = 5 V; unless otherwise specified; RL =1kΩ on base band output IBBOUT and QBBOUT;
Vo(p-p) = 750 mV on IBBOUT and QBBOUT.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCC
supply voltage
4.75
5.00
5.25
V
ICC
supply current
130
mA
VPOR
voltage limit where POR active
2.7
V
Performances from pins RFA or RFB to pins IBBOUT or QBBOUT
LOleak
LO leakage through pins RFA
and RFB
−−75
dBm
∆Gv
dynamic voltage gain range
VAGC = 0 to 3 V
48
50
dB
Gv(max)
maximum voltage gain
VAGC =3V;
see Figs 4 and 5
55
57
dB
Vo(p-p)
output voltage (peak-to-peak)
recommended value
750
mV
IP2i
2nd-order interception point
at RF input; VAGC =0V
19
dBm
IP3i
3rd-order interception point
at RF input; VAGC =0V
14
dBm
F
noise figure
at maximum gain;
VAGC = 3 V; see Fig.6
18
dB
Zo
output impedance on pin IOUT
and QOUT
35
−Ω
Zi
input impedance on pin IBBIN
and QBBIN
1.0
k
Gv(I-Q)
voltage gain mismatch between
I and Q
in 22.5 MHz band with
bypass capacity 100 nF
between IOUT and IBBIN,
QOUT and QBBIN
−−
1dB
∆Φ
absolute quadrature error
VAGC = 1.5 V;
Vo = 750 mV (peak to
peak value); measured in
baseband
0
3
deg
Pulling sensitivity
3/4LO
sensitivity to pulling on the third
harmonic of the external VCO
see Table 9 and Fig.8
−−40
−35
dBc
5/4LO
sensitivity to pulling on the fifth
harmonic of the external VCO
see Table 9 and Fig.8
−−40
−35
dBc
VCO and synthesizer
fosc
oscillator frequency
950
2175
MHz
ϕn(osc)
oscillator phase noise in the
satellite band
foffset = 100 kHz; out of
PLL loop bandwidth
−−100
−94
dBc/Hz
ϕn
phase noise on baseband
outputs
foffset = 1 and 10 kHz;
fCOMP = 1 MHz; see Fig.7
−−−78
dBc/Hz
MDR
main divider ratio
64
32767


Similar Part No. - TDA8261TW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8260 PHILIPS-TDA8260 Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

Similar Description - TDA8261TW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
   Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
   8PSK/QPSK low-power 3.3 V satellite tuner IC
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
   8PSK/QPSK low-power 3.3-V satellite tuner IC
STV6120 STMICROELECTRONICS-STV6120 Datasheet
59Kb / 4P
   8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com