Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10165N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 10165N
Description  8-Input Priority Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

10165N Datasheet(HTML) 4 Page - NXP Semiconductors

  10165N Datasheet HTML 1Page - NXP Semiconductors 10165N Datasheet HTML 2Page - NXP Semiconductors 10165N Datasheet HTML 3Page - NXP Semiconductors 10165N Datasheet HTML 4Page - NXP Semiconductors 10165N Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - 10165N

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
10165 FESTO-10165 Datasheet
95Kb / 2P
   Pneumatic valve
logo
Heyco.
10165 HEYCO-10165 Datasheet
115Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Lapp.
10165000 LAPP-10165000 Datasheet
126Kb / 2P
   EPIC® H-B 48 SG
01.04.2022
logo
PHOENIX CONTACT
1016507 PHOENIX-1016507 Datasheet
53Kb / 2P
   Instruction label - PML-W501 (100X48)R WH-RD
1016508 PHOENIX-1016508 Datasheet
52Kb / 2P
   Instruction label - PML-W501 (100X65)R WH-RD
More results

Similar Description - 10165N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
logo
NXP Semiconductors
HEF4532B PHILIPS-HEF4532B Datasheet
99Kb / 8P
   8-input priority encoder
January 1995
logo
Motorola, Inc
MC10165 MOTOROLA-MC10165 Datasheet
112Kb / 6P
   8-Input Priority Encoder
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
Fairchild Semiconductor
4532B FAIRCHILD-4532B Datasheet
119Kb / 3P
   8-INUPUT PRIORITY ENCODER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com