Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37754FFCGP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M37754FFCGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37754FFCGP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M37754FFCGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37754FFCGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37754FFCGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37754FFCGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37754FFCGP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37754FFCGP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37754FFCGP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37754FFCGP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M37754FFCGP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
M37754FFCGP
M37754FFCHP
SHINGLE-CHIP 16-BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
BASIC FUNCTION BLOCKS
The M37754FFCGP and the M37754FFCHP have the same func-
tions as the M37754M8C-XXXGP and the M37754M8C-XXXHP ex-
cept for the following.
Therefore, refer to the section on the M37754M8C-XXXGP and the
M37754M8C-XXXHP.
(1) Flash memory is included instead of ROM.
(2) The memory size is different.
(3) The memory area modification function is different.
(4) Part of the peripheral devices control registers is different.
(Flash memory control register, flash command register, and bits
3, 4 of particular function select register 0 are added.)
MEMORY
The memory map is shown in Figure 1.
INT4
A-D conversion
UART1 transmission
UART1 receive
UART0 transmission
UART0 receive
Timer B2
Timer B1
Timer B0
Internal RAM
3968 bytes
Internal
flash memory
120 Kbytes
Peripheral devices
control registers
(Refer to Fig.2.)
Interrupt vector table
Reserved area
Timer A4
Timer A3
Timer A2
Timer A1
Timer A0
Watchdog timer
BRKinstruction
0 divide
INT3
INT2
INT1
INT0
RESET
DBC
00000016
00FFD216
00FFFE16
01FFFF16
01EFFF16
010FFF16
: The flash memory area (8 Kbytes) where it is impossible to erase/modify in the CPU reprogramming mode.
(It is possible to erase/modify in the parallel I/O mode or the serial I/O mode.)
Note: The internal memory area can be changed. (Refer to the section on the memory area modification function.)
00EFFF16
00100016
000FFF16
00008016
00007F16
00000016
00000016
Bank 016
Bank 116
FE000016
FEFFFF16
FFFFFF16
FF000016
00FFFF16
01FFFF16
01000016
00FFFF16
00007F16
01000016
00FFD216
Bank FE16
Bank FF16
Fig. 1 Memory map


Similar Part No. - M37754FFCGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37754 MITSUBISHI-M37754 Datasheet
1Mb / 114P
   SINGLE-CHIP 16BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37754M6C-XXXGP RENESAS-M37754M6C-XXXGP Datasheet
257Kb / 14P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37754M6C-XXXHP RENESAS-M37754M6C-XXXHP Datasheet
257Kb / 14P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37754M8C-XXXGP MITSUBISHI-M37754M8C-XXXGP Datasheet
1Mb / 114P
   SINGLE-CHIP 16BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37754M8C-XXXGP RENESAS-M37754M8C-XXXGP Datasheet
1Mb / 115P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37754FFCGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37753FFCFP MITSUBISHI-M37753FFCFP Datasheet
525Kb / 67P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
M37920FCCGP MITSUBISHI-M37920FCCGP Datasheet
1Mb / 158P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com