Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2902-SCC-SG Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2902-SCC-SG
Description  2 Watt Packaged Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2902-SCC-SG Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2902-SCC-SG Datasheet HTML 6Page - TriQuint Semiconductor TGA2902-SCC-SG Datasheet HTML 7Page - TriQuint Semiconductor TGA2902-SCC-SG Datasheet HTML 8Page - TriQuint Semiconductor TGA2902-SCC-SG Datasheet HTML 9Page - TriQuint Semiconductor TGA2902-SCC-SG Datasheet HTML 10Page - TriQuint Semiconductor TGA2902-SCC-SG Datasheet HTML 11Page - TriQuint Semiconductor TGA2902-SCC-SG Datasheet HTML 12Page - TriQuint Semiconductor TGA2902-SCC-SG Datasheet HTML 13Page - TriQuint Semiconductor TGA2902-SCC-SG Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TriQuint Semiconductor Texas Phone : (972)994 8465
Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
February 21, 2005
10
40K
:
40K
:
+5V
Vdet
Vref
50
:
RF out
DUT
5pF
Package
External
Power Detector
TGA2902 Power Detector @ 14GHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1020
3040
5060
sqrt Pout (mW^0.5)
(20 dBm)
(26 dBm)
(29.5 dBm) (32 dBm)
(34 dBm)
TGA2902-SCC-SG


Similar Part No. - TGA2902-SCC-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG_15 Datasheet
132Kb / 14P
   2 Watt Packaged Amplifier
More results

Similar Description - TGA2902-SCC-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG_15 Datasheet
132Kb / 14P
   2 Watt Packaged Amplifier
TGA2922-SG TRIQUINT-TGA2922-SG Datasheet
312Kb / 12P
   2 Watt 802.11a Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2706-SM TRIQUINT-TGA2706-SM Datasheet
613Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
TGA2706-SM TRIQUINT-TGA2706-SM_15 Datasheet
392Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
TGA2923-SG TRIQUINT-TGA2923-SG Datasheet
278Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2924-SG TRIQUINT-TGA2924-SG Datasheet
268Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com