Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU30L30M3 Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # RU30L30M3
Description  P-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RU30L30M3 Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  RU30L30M3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RU30L30M3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
10
20
30
40
50
60
0
25
50
75
100
125
150
TC - CaseTemperature (°C)
Power, Junction-to-Case
0
15
30
45
60
75
0
25
50
75
100
125
150
TC - Case Temperature (ºC)
Power, Junction-to-Ambient
0
0.5
1
1.5
2
0
25
50
75
100
125
150
TA - Ambient Temperature (ºC)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RU30L30M3
5


Similar Part No. - RU30L30M3

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU30L30M RUICHIPS-RU30L30M Datasheet
276Kb / 9P
   P-Channel Advanced Power MOSFET Super High Dense Cell Design
logo
VBsemi Electronics Co.,...
RU30L30M VBSEMI-RU30L30M Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - RU30L30M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com