Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MISM-7 Datasheet(PDF) 2 Page - Littelfuse

Part # MISM-7
Description  7mm Surface Mount Reed Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MISM-7 Datasheet(HTML) 2 Page - Littelfuse

  MISM-7 Datasheet HTML 1Page - Littelfuse MISM-7 Datasheet HTML 2Page - Littelfuse MISM-7 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
littelfuse.com
© 2020 Littelfuse
Revised: 12/08/20
Specifications are subject to change without notice.
Surface Mount Reed Switches
Ultra-Miniature > MISM-7
Magnetic Characteristics
Pull-In Range 3
Ampere Turns
6-10, 10-15, 15-20
Rating Sensitivity 4
Ampere Turns
10
Test Coil
-
L4991
Drop-Out vs. Pull In Chart
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity and Packaging Code
Taping Width
Tape and Reel
EIA-RS-481-1
3000
R
32mm
Product Characteristics
Operating Characteristics
Operate Time 1
-
0.45ms - max.
Release Time 1
-
0.20ms - max.
Shock 2
11ms 1∕2 sine wave
100G - max
Vibration 2
50-2000 Hertz
30G - max.
Resonant Frequency
-
14kHz - typ.
Part Numbering System
Notes:
1. Operate (including bounce)/Release Time - per EIA/NARM RS-421-A, diode suppressed coil (Coil I).
2. Shock and Vibration - per EIA/NARM RS-421-A and MIL-STD-202.
3. Pull-In Range - Contact Littelfuse for narrower AT ranges available. These AT values are the before modification AT of the MITI-3V1.
4. Rating Sensitivity - The value at which contact ratings and operating characteristics are determined. Derating may be required below this value.
MISM-7 7mm Surface Mount Reed Switch
MISM-7 R - 6-10
Series
AT Range
6-10 AT
10-15 AT
15-20 AT
Packaging
R = Tape and Reel
B = Bulk
Example: 6-10 AT product is MISM-7R-6-10
Note: These AT values are the before-modification values of the bare reed switch.
Note: Chart represents the range of Drop-Out, min to max for a given Pull-In value.
0
5
10
15
20
25
05
10
15
20
25
Min.
Max.
Pull-In (AT, L4991 Coli)
Form
Blank = 13.72mm
5 = 12.60mm


Similar Part No. - MISM-7

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
MISM-3V1 HAMLIN-MISM-3V1 Datasheet
158Kb / 2P
   Surface mounting normally open switch
logo
Littelfuse
MISM-3V1 LITTELFUSE-MISM-3V1 Datasheet
561Kb / 3P
   MISM-3V1 7mm Surface Mount Reed Switch
More results

Similar Description - MISM-7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MISM-3V1 LITTELFUSE-MISM-3V1 Datasheet
561Kb / 3P
   MISM-3V1 7mm Surface Mount Reed Switch
MITI-7 LITTELFUSE-MITI-7 Datasheet
357Kb / 2P
   7mm Ultra-Miniature Reed Switch
logo
CAMBION Electronic Comp...
555-8066 CAMBION-555-8066 Datasheet
47Kb / 2P
   Surface mount power inductors, 7mm
logo
Littelfuse
MDSM-4 LITTELFUSE-MDSM-4 Datasheet
638Kb / 3P
   MDSM-4 15.3mm Surface Mount Reed Switch
MDSM-DT LITTELFUSE-MDSM-DT Datasheet
679Kb / 3P
   MDSM-DT 14.7mm Surface Mount Changeover Reed Switch
logo
CAMBION Electronic Comp...
555-8064 CAMBION-555-8064 Datasheet
46Kb / 2P
   Surface mount power inductors, 7mm low profile
logo
Littelfuse
MDSM-10 LITTELFUSE-MDSM-10 Datasheet
639Kb / 3P
   MDSM-10 10.2mm Sub-miniature Surface Mount Reed Switch
MLSM-3 LITTELFUSE-MLSM-3 Datasheet
641Kb / 3P
   Surface Mount Reed Switches
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com