Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1261A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD1261A
Description  Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1261A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1261A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1261A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SB938, 2SB938A
PC —Ta
IC —VCE
IC —VBE
VCE(sat) —IC
hFE —IC
Cob —VCB
Area of safe operation (ASO)
Rth(t) —t
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 50
× 50 × 2mm
Al heat sink
(3) Without heat sink
(P
C=1.3W)
(1)
(3)
(2)
Ambient temperature Ta (˚C)
0–5
–4
–1
–3
–2
0
–6
–5
–4
–3
–2
–1
T
C=25˚C
–2.5mA
–2.0mA
–1.5mA
–1.0mA
– 0.5mA
– 0.4mA
– 0.3mA
– 0.2mA
I
B=–3.0mA
Collector to emitter voltage V
CE
(V)
0
–3.2
– 0.8
–2.4
–1.6
0
–10
–8
–6
–4
–2
V
CE=–3V
25˚C
T
C=100˚C
–25˚C
Base to emitter voltage V
BE
(V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=250
25˚C
T
C=100˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
102
103
104
105
106
V
CE=–3V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
1
3
10
30
100
300
1000
3000
10000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
Non repetitive pulse
T
C=25˚C
10ms
t=1ms
I
CP
I
C
300ms
Collector to emitter voltage V
CE
(V)
10–4
10
10–3
10–1
10–2
1103
102
104
10–2
10–1
1
10
103
102
(1)
(2)
(1) Without heat sink
(2) With a 50
× 50 × 2mm Al heat sink
Time t (s)


Similar Part No. - 2SD1261A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1261A PANASONIC-2SD1261A Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
More results

Similar Description - 2SD1261A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB937 PANASONIC-2SB937 Datasheet
64Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
2SB950 PANASONIC-2SB950 Datasheet
62Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
2SB1253 PANASONIC-2SB1253 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1254 PANASONIC-2SB1254 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1418 PANASONIC-2SB1418 Datasheet
61Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1255 PANASONIC-2SB1255 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1492 PANASONIC-2SB1492 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1252 PANASONIC-2SB1252 Datasheet
75Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1490 PANASONIC-2SB1490 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1503 PANASONIC-2SB1503 Datasheet
70Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com