Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1267A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD1267A
Description  Silicon PNP epitaxial planar type(For low-frequency power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1267A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1267A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1267A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SB942, 2SB942A
PC —Ta
IC —VCE
IC —VBE
VCE(sat) —IC
hFE —IC
fT —IC
Area of safe operation (ASO)
Rth(t) —t
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=2W)
(1)
(4)
(3)
(2)
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–6
–5
–4
–3
–2
–1
T
C=25˚C
–100mA
–80mA
–60mA
–40mA
–20mA
–10mA
–8mA
–5mA
I
B=–120mA
Collector to emitter voltage V
CE
(V)
0
–2.0
–1.6
– 0.4
–1.2
– 0.8
0
–10
–8
–6
–4
–2
T
C=100˚C
–25˚C
25˚C
V
CE=–4V
Base to emitter voltage V
BE
(V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
25˚C
T
C=100˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
V
CE=–4V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
V
CE=–5V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
10ms
t=1ms
I
CP
I
C
Non repetitive pulse
T
C=25˚C
DC
Collector to emitter voltage V
CE
(V)
10–4
10
10–3
10–1
10–2
1103
102
104
10–2
10–1
1
10
103
102
(1)
(2)
(1) Without heat sink
(2) With a 100
× 100 × 2mm Al heat sink
Time t (s)


Similar Part No. - 2SD1267A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1267A PANASONIC-2SD1267A Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type
logo
Savantic, Inc.
2SD1267A SAVANTIC-2SD1267A Datasheet
136Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1267A ISC-2SD1267A Datasheet
160Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1267A SAVANTIC-2SD1267A Datasheet
138Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1267A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB941 PANASONIC-2SB941 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For low-frequency power amplification)
2SB967 PANASONIC-2SB967 Datasheet
43Kb / 2P
   Silicon PNP epitaxial planar type(For low-frequency power amplification)
DSA7504 PANASONIC-DSA7504 Datasheet
317Kb / 3P
   Silicon PNP epitaxial planar type For low frequency amplification
2SB1574 PANASONIC-2SB1574 Datasheet
28Kb / 1P
   Silicon PNP epitaxial planar type(For low-frequency output amplification)
2SB968 PANASONIC-2SB968 Datasheet
53Kb / 3P
   Silicon PNP epitaxial planar type(For low-frequency output amplification)
2SA2164 PANASONIC-2SA2164 Datasheet
463Kb / 3P
   Silicon PNP epitaxial planar type For high-frequency amplification
XP06435 PANASONIC-XP06435 Datasheet
89Kb / 3P
   Silicon PNP epitaxial planar type For high-frequency amplification
2SB1643 PANASONIC-2SB1643 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB954 PANASONIC-2SB954 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1417 PANASONIC-2SB1417 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com