Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA208X-1000C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BTA208X-1000C
Description  Three quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208X-1000C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BTA208X-1000C Datasheet HTML 2Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 3Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 4Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 5Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 6Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 7Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 8Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 9Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BTA208X-1000C_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 4 October 2005
6 of 12
Philips Semiconductors
BTA208X-1000C
Three quadrant triacs high commutation
7.
Characteristics
[1]
Device will not trigger in the T2
− G+ quadrant.
Table 6:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; see Figure 8 [1]
T2+ G+
2
6
35
mA
T2+ G
2
1335mA
T2
− G−
2
2335mA
IL
latching current
VD = 12 V; IGT = 0.1 A; see
Figure 10
T2+ G+
-
25
50
mA
T2+ G
-
4875mA
T2
− G−
-
3050mA
IH
holding current
VD = 12 V; IGT = 0.1 A; see
Figure 11
-
2050mA
VT
on-state voltage
IT = 10 A; see Figure 9
-
1.3
1.65
V
VGT
gate trigger voltage
VD = 12 V; IT = 0.1 A; see Figure 7
-
0.7
1.5
V
VD = 400 V; IT = 0.1 A; Tj = 125 °C
0.25
0.4
-
V
ID
off-state current
VD =VDRM(max); Tj = 125 °C
-
0.1
0.5
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM =67% VDRM(max);
Tj = 125 °C; exponential waveform;
gate open circuit
1000
4000
-
V/
µs
dIcom/dt
rate of change of
commutating current
VDM = 400 V; Tj = 125 °C;
IT(RMS) = 8 A; without snubber;
gate open circuit; see Figure 12
12
32
-
A/ms
tgt
gate-controlled
turn-on time
ITM = 12 A; VD =VDRM(max);
IG = 0.1 A; dIG/dt = 5 A/µs
-2
-
µs


Similar Part No. - BTA208X-1000C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208X-1000C NXP-BTA208X-1000C Datasheet
195Kb / 12P
   High commutation three-quadrant triacs
Rev. 02-4 September 2009
logo
WeEn Semiconductors
BTA208X-1000C WEEN-BTA208X-1000C Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
logo
WeEn Semiconductors
BTA208X-1000C0 WEEN-BTA208X-1000C0 Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA208X-1000C0 ISC-BTA208X-1000C0 Datasheet
224Kb / 2P
   isc Triacs
More results

Similar Description - BTA208X-1000C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com