Electronic Components Datasheet Search |
|
BTA208X-1000C Datasheet(PDF) 7 Page - NXP Semiconductors |
|
BTA208X-1000C Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 12 page BTA208X-1000C_1 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 01 — 4 October 2005 7 of 12 Philips Semiconductors BTA208X-1000C Three quadrant triacs high commutation (1) T2 − G− (2) T2+ G − (3) T2+ G+ Fig 7. Normalized gate trigger voltage as a function of junction temperature Fig 8. Normalized gate trigger current as a function of junction temperature Vo = 1.22 V; RS = 0.04 Ω (1) Tj = 125 °C; typical values (2) Tj = 125 °C; maximum values (3) Tj =25 °C; maximum values Fig 9. On-state current as a function of on-state voltage Fig 10. Normalized latching current as a function of junction temperature Tj (°C) −50 150 100 050 001aab101 0.8 1.2 1.6 0.4 VGT(Tj) VGT(25°C) Tj (°C) −50 150 100 050 001aac669 1 2 3 0 (1) (2) (3) IGT (Tj) IGT (25°C) 003aaa971 VT (V) 03 2 1 10 15 5 20 25 IT (A) 0 (1) (2) (3) Tj (°C) −50 150 100 050 001aab100 1 2 3 0 IL(Tj) IL(25°C) |
Similar Part No. - BTA208X-1000C |
|
Similar Description - BTA208X-1000C |