Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPRF2738A-C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPRF2738A-C
Description  Low Power FM/FSK IF IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPRF2738A-C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPRF2738A-C Datasheet HTML 1Page - List of Unclassifed Manufacturers SPRF2738A-C Datasheet HTML 2Page - List of Unclassifed Manufacturers SPRF2738A-C Datasheet HTML 3Page - List of Unclassifed Manufacturers SPRF2738A-C Datasheet HTML 4Page - List of Unclassifed Manufacturers SPRF2738A-C Datasheet HTML 5Page - List of Unclassifed Manufacturers SPRF2738A-C Datasheet HTML 6Page - List of Unclassifed Manufacturers SPRF2738A-C Datasheet HTML 7Page - List of Unclassifed Manufacturers SPRF2738A-C Datasheet HTML 8Page - List of Unclassifed Manufacturers SPRF2738A-C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPRF2738A
LOW POWER FM/FSK IF IC
1. GENERAL DESCRIPTION
SPRF2738A is a highly integrated IF (Intermediate Frequency) IC
which is popularly used in FM / FSK (Frequency Modulation /
Frequency-Shift Keying) or OOK (On-Off Keying) communication
systems.
It also contains a low noise amplifier, mixer, oscillator, IF limiting
amplifier with RSSI (Received Signal Strength Indicator, metal
optioned), quadrature demodulator, amplifier, and digital data
slicer. The SPRF2738A is designed for single channel receiver at
10MHz - 50MHz band. It is also applicable for dual conversions
communication system.
2. FEATURES
Operation voltage: 2.4V - 5.5V
Low current consumption: 2.5mA @ VDD = 3.0V.
Operating frequency up to 50MHz
Power down function
Single chip FM/FSK or OOK receiver.
RSSI function (metal option)
-107dBm sensitivity (SNR = 12dB)
Full ESD protection
3. APPLICATION FIELD
Dual conversion IF
Voice/data communication.
Radio control toy
Wireless keyboard, mouse receiver
4. BLOCK DIAGRAM
MXO
LMI
QUAD
LNAI
LNA
QDEM
CF
VDD
1.8K
DO
CP
OPP
OPO
VSS
LMO
60k
OSC
OSCO
OSCI
DEMO
RSSI
RSSI
PD
CN
OPN
60k
100k
1.9V
DOB
1.8K
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
3
APR. 30, 2003
Version: 1.2
Sunplus
Confidential
For
BRARSAAB
Use
Only


Similar Part No. - SPRF2738A-C

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SPR SYSTEMSENSOR-SPR Datasheet
1Mb / 4P
   Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
logo
Stackpole Electronics, ...
SPR SEI-SPR Datasheet
556Kb / 6P
   Discharge Path Resistor
10/22/2020
logo
Texas Instruments
SPR-1-08 TI-SPR-1-08 Datasheet
139Kb / 3P
[Old version datasheet]   SILICON MULTI-CHANNEL DETECTOR ARRAY
SPR-1-08BPL TI-SPR-1-08BPL Datasheet
139Kb / 3P
[Old version datasheet]   SILICON MULTI-CHANNEL DETECTOR ARRAY
SPR-1-10BPL TI-SPR-1-10BPL Datasheet
139Kb / 3P
[Old version datasheet]   SILICON MULTI-CHANNEL DETECTOR ARRAY
More results

Similar Description - SPRF2738A-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
TOKO, Inc
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
logo
NXP Semiconductors
MC3361 PHILIPS-MC3361 Datasheet
220Kb / 3P
   LOW POWER FM IF
March 28 1988
logo
Motorola, Inc
MC3371 MOTOROLA-MC3371 Datasheet
474Kb / 20P
   LOW POWER FM IF
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
logo
ON Semiconductor
LA1225MC ONSEMI-LA1225MC Datasheet
365Kb / 8P
   FM IF Detector IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com