Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-0480 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDMP-0480
Description  Octal Cell Port Bypass Circuit without Clock and Data Recovery
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0480 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0480 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0480 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0480 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0480 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0480 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0480 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0480 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0480 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-0480 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 3. Eye Diagram of TO_NODE[1]
± High Speed Differential Output.
Note: Measurement taken with a 27-1 PRBS input to FM_NODE[0]
±.


Similar Part No. - HDMP-0480

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0482 HP-HDMP-0482 Datasheet
149Kb / 12P
   Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
More results

Similar Description - HDMP-0480

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0482 HP-HDMP-0482 Datasheet
149Kb / 12P
   Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
   Quad Port Bypass Circuit
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
logo
AMI SEMICONDUCTOR
AMIS-52100 AMI-AMIS-52100 Datasheet
1Mb / 26P
   Transceiver with Clock and Data Recovery
logo
List of Unclassifed Man...
HDMP-0552 ETC1-HDMP-0552 Datasheet
266Kb / 12P
   AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION
logo
Micrel Semiconductor
SY87721L MICREL-SY87721L_08 Datasheet
169Kb / 16P
   CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
OPLINK Communications I...
SRX48 OPLINK-SRX48 Datasheet
665Kb / 4P
   Receiver without Clock Recovery
logo
Analog Devices
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
   622 Mbps Clock and Data Recovery IC
REV. 0
logo
Micrel Semiconductor
SY69753AL MICREL-SY69753AL Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com