Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTX411T Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTX411T
Description  EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX411T Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTX411T Datasheet HTML 1Page - KEC(Korea Electronics) KTX411T Datasheet HTML 2Page - KEC(Korea Electronics) KTX411T Datasheet HTML 3Page - KEC(Korea Electronics) KTX411T Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 8. 13
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTX411T
EPITAXIAL PLANAR NPN TRANSISTOR
SILICON EPITAXIAL PLANAR TYPE DIODE
Revision No : 2
GENERAL PURPOSE APPLICATION.
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
Including two(TR, Diode) devices in TSV.
(Thin Super Mini type with 5 pin)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
B
E
H
J
J
2
3
15
4
+_
+_
+_
+_
+_
1. D ANODE
2. Q EMITTER
3. Q BASE
4. Q COLLECTOR
5. D CATHODE
1
1
1
1
1
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
25
V
Reverse Voltage
VR
20
V
Average Forward Current
IO
1.0
A
Non-Repetitive Peak Surge current
IFSM
3
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55~125
EQUIVALENT CIRCUIT (TOP VIEW)
1
D1
Q1
23
54
MARK SPEC
* Package mounted on a ceramic board (600
0.8
)
h
Rank
FE
Type Name
Marking
Lot No.
C
12
3
54
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
1
A
Emitter Current
IE
-1
A
Collector Power Dissipation
PC *
0.9
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
DIODE D1
Type
KTX411T
KTX411T
Q1 hFE Rank : Y
Q1 hFE Rank : GR
Mark
CE
CF
TRANSISTOR Q1


Similar Part No. - KTX411T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX412T KEC-KTX412T Datasheet
414Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
More results

Similar Description - KTX411T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX412T KEC-KTX412T Datasheet
414Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
logo
AUK corp
SUR510EF AUK-SUR510EF Datasheet
48Kb / 3P
   Epitaxial Planar Type NPN Silicon Transistor
SUR542EF AUK-SUR542EF Datasheet
186Kb / 4P
   Epitaxial Planar Type NPN Silicon Transistor
SUT485J AUK-SUT485J Datasheet
218Kb / 4P
   Epitaxial Planar type NPN Silicon Transistor
logo
Sanyo Semicon Device
2SC3173 SANYO-2SC3173 Datasheet
47Kb / 1P
   NPN Epitaxial Planar Type Silicon Transistor
logo
KEC(Korea Electronics)
KTC2874 KEC-KTC2874_03 Datasheet
405Kb / 3P
   SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE
logo
First Silicon Co., Ltd
FTD2114K FS-FTD2114K Datasheet
126Kb / 4P
   Epitaxial planar type NPN silicon transistor
logo
AUK corp
SUR543J AUK-SUR543J Datasheet
172Kb / 3P
   Epitaxial Planar Type NPN Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com