Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4631DDAR Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4631DDAR
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4631DDAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4631DDAR Datasheet HTML 4Page - Texas Instruments THS4631DDAR Datasheet HTML 5Page - Texas Instruments THS4631DDAR Datasheet HTML 6Page - Texas Instruments THS4631DDAR Datasheet HTML 7Page - Texas Instruments THS4631DDAR Datasheet HTML 8Page - Texas Instruments THS4631DDAR Datasheet HTML 9Page - Texas Instruments THS4631DDAR Datasheet HTML 10Page - Texas Instruments THS4631DDAR Datasheet HTML 11Page - Texas Instruments THS4631DDAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
t − Time − ns
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
Rising
Falling
G = −1,
CF = 4.7 pF
−20
−15
−10
−5
0
5
10
15
20
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
−4
−3
−2
−1
0
1
2
3
4
Gain = 5,
RF = 499 Ω,
RG = 124 Ω
t − Time − ms
Input
Output
t − Time − ns
−1.5
−1.25
−1
−0.75
−0.5
−0.25
0
0.25
0.5
0.75
1
1.25
1.5
0
5
10
15
20
25
30
35
40
Rising
Falling
G = −1,
CF = 4.7 pF
−20
−15
−10
−5
0
5
10
15
20
−0.05
0
0.05 0.1
0.15 0.2 0.25 0.3 0.35
−4
−3
−2
−1
0
1
2
3
4
Gain = 5,
RF = 499 Ω,
RG = 124 Ω
t − Time − ms
Input
Output
0
10
20
30
40
50
60
70
80
90
100
−15
−10
−5
0
5
10
15
VICR − Input Common-Mode Range − V
0
10
20
30
40
70
80
90
100
10 k
100 k
1 M
10 M
100 M
f − Frequency − Hz
50
60
CMRR
PSRR+
PSRR−
0.01
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
THS4631
SLOS451A – DECEMBER 2004 – REVISED MARCH 2005
TYPICAL CHARACTERISTICS (±15 V GRAPHS) (continued)
T
A = 25°C, G = 2, RF = 499 Ω, RL = 1 kΩ, Unless otherwise noted.
SETTLING TIME
SETTLING TIME
OVERDRIVE RECOVERY
Figure 25.
Figure 26.
Figure 27.
COMMON-MODE REJECTION RATIO
REJECTION RATIO
vs
vs
OVERDRIVE RECOVERY
INPUT COMMON-MODE RANGE
FREQUENCY
Figure 28.
Figure 29.
Figure 30.
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 31.
8


Similar Part No. - THS4631DDAR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4631DDA NSC-THS4631DDA Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631DDA TI1-THS4631DDA Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4631DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4631 TI1-THS4631_14 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com