Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1B768PGEQ Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS470R1B768PGEQ
Description  16/32-Bit RISC Flash Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1B768PGEQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS470R1B768PGEQ Datasheet HTML 5Page - Texas Instruments TMS470R1B768PGEQ Datasheet HTML 6Page - Texas Instruments TMS470R1B768PGEQ Datasheet HTML 7Page - Texas Instruments TMS470R1B768PGEQ Datasheet HTML 8Page - Texas Instruments TMS470R1B768PGEQ Datasheet HTML 9Page - Texas Instruments TMS470R1B768PGEQ Datasheet HTML 10Page - Texas Instruments TMS470R1B768PGEQ Datasheet HTML 11Page - Texas Instruments TMS470R1B768PGEQ Datasheet HTML 12Page - Texas Instruments TMS470R1B768PGEQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
www.ti.com
TMS470R1B768
16/32-Bit RISC Flash Microcontroller
SPNS108 – AUGUST 2005
Table 2. Terminal Functions (continued)
TERMINAL
INTERNAL
TYPE(1)(2)
PULLUP/
DESCRIPTION
NAME
NO.
PULLDOWN(3)
MULTI-BUFFERED ANALOG-TO-DIGITAL CONVERTER (MibADC) (CONTINUED)
ADIN[11]
109
ADIN[12]
114
ADIN[13]
112
3.3-V I
MibADC analog input pins
ADIN[14]
110
ADIN[15]
103
3.3-V
ADREFHI
116
MibADC module high-voltage reference input
REF I
GND
ADREFLO
117
MibADC module low-voltage reference input
REF I
3.3-V
VCCAD
118
MibADC analog supply voltage
PWR
VSSAD
119
GND
MibADC analog ground reference
SERIAL PERIPHERAL INTERFACE 1 (SPI1)
SPI1CLK
5
SPI1 clock. SPI1CLK can be programmed as a GIO pin.
SPI1ENA
1
SPI1 chip enable. SPI1ENA can be programmed as a GIO pin.
SPI1SCS
2
3.3-V I/O
IPD (20 µA)
SPI1 slave chip select. SPI1SCS can be programmed as a GIO pin.
SPI1SIMO
3
SPI1 data stream. Slave in/master out. Can be programmed as a GIO pin.
SPI1SOMI
4
SPI1 data stream. Slave out/master in. Can be programmed as a GIO pin.
SERIAL PERIPHERAL INTERFACE 2 (SPI2)
SPI2CLK
62
SPI2 clock. SPI2CLK can be programmed as a GIO pin.
SPI2ENA
65
SPI2 chip enable. SPI2ENA can be programmed as a GIO pin.
SPI2SCS
66
3.3-V I/O
IPD (20 µA)
SPI2 slave chip select. SPI2SCS can be programmed as a GIO pin.
SPI2SIMO
63
SPI2 data stream. Slave in/master out. Can be programmed as a GIO pin.
SPI2SOMI
64
SPI2 data stream. Slave out/master in. Can be programmed as a GIO pin.
SERIAL PERIPHERAL INTERFACE 3 (SPI3)
SPI3CLK
94
SPI3 clock. SPI3CLK can be programmed as a GIO pin.
SPI3ENA
98
SPI3 chip enable. SPI3ENA can be programmed as a GIO pin.
SPI3SCS
97
3.3-V I/O
IPD (20 µA)
SPI3 slave chip select. SPI3SCS can be programmed as a GIO pin.
SPI3SIMO
96
SPI3 data stream. Slave in/master out. Can be programmed as a GIO pin.
SPI3SOMI
95
SP3 data stream. Slave out/master in. Can be programmed as a GIO pin.
SERIAL PERIPHERAL INTERFACE 4 (SPI4)
SPI4CLK
10
SPI4 clock. SPI4CLK can be programmed as a GIO pin.
SPI4ENA
6
SPI4 chip enable. SPI4ENA can be programmed as a GIO pin.
SPI4SCS
7
3.3-V I/O
IPD (20 µA)
SPI4 slave chip select. SPI4SCS can be programmed as a GIO pin.
SPI4SIMO
8
SPI4 data stream. Slave in/master out. Can be programmed as a GIO pin.
SPI4SOMI
9
SPI4 data stream. Slave out/master in. Can be programmed as a GIO pin.
9


Similar Part No. - TMS470R1B768PGEQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B768PGET TI-TMS470R1B768PGET Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1B768PGEQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com