Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX12553 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX12553
Description  14-Bit, 65Msps, 3.3V ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12553 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX12553 Datasheet HTML 7Page - Maxim Integrated Products MAX12553 Datasheet HTML 8Page - Maxim Integrated Products MAX12553 Datasheet HTML 9Page - Maxim Integrated Products MAX12553 Datasheet HTML 10Page - Maxim Integrated Products MAX12553 Datasheet HTML 11Page - Maxim Integrated Products MAX12553 Datasheet HTML 12Page - Maxim Integrated Products MAX12553 Datasheet HTML 13Page - Maxim Integrated Products MAX12553 Datasheet HTML 14Page - Maxim Integrated Products MAX12553 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
14-Bit, 65Msps, 3.3V ADC
______________________________________________________________________________________
11
REFERENCE OUTPUT VOLTAGE
LOAD REGULATION
IREFOUT SINK CURRENT (mA)
0
-0.5
-1.0
-1.5
1.96
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
2.05
1.95
-2.0
0.5
+85°C
+25°C
-40°C
REFERENCE OUTPUT VOLTAGE
SHORT-CIRCUIT PERFORMANCE
IREFOUT SINK CURRENT (mA)
0
-1.0
-2.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
-3.0
1.0
+85°C
+25°C
-40°C
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
2.031
2.033
2.035
2.037
2.039
2.029
-40
85
REFP, COM, REFN
LOAD REGULATION
SINK CURRENT (mA)
1
0
-1
0.5
1.0
1.5
2.0
2.5
3.0
0
-2
2
VREFP
VCOM
VREFN
INTERNAL REFERENCE
MODE AND BUFFERED EXTERNAL
REFERENCE MODE
REFP, COM, REFN
SHORT-CIRCUIT PERFORMACE
SINK CURRENT (mA)
4
0
-4
0.5
1.0
1.5
2.0
2.5
3.5
3.0
0
-8
12
8
VREFP
VCOM
VREFN
INTERNAL REFERENCE
MODE AND BUFFERED
EXTERNAL REFERENCE MODE
Typical Operating Characteristics (continued)
(VDD = 3.3V, OVDD = 2.0V, GND = 0, REFIN = REFOUT (internal reference), VIN = -0.5dBFS, CLKTYP = high, DCE = high, PD = low,
G/T = low, fCLK ≈ 65MHz (50% duty cycle), TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX12553

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12553 MAXIM-MAX12553 Datasheet
762Kb / 28P
   14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
MAX12553 MAXIM-MAX12553 Datasheet
432Kb / 14P
   Low-Voltage and Low-Power Operation
Rev 1; 10/06
MAX12553EVKIT MAXIM-MAX12553EVKIT Datasheet
432Kb / 14P
   Low-Voltage and Low-Power Operation
Rev 1; 10/06
MAX12553EVKIT++ MAXIM-MAX12553EVKIT+ Datasheet
432Kb / 14P
   Low-Voltage and Low-Power Operation
Rev 1; 10/06
More results

Similar Description - MAX12553

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1742 LINER-LTC1742_15 Datasheet
577Kb / 20P
   14-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
MAX12555 MAXIM-MAX12555 Datasheet
762Kb / 28P
   14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com