Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29410PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29410PW
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29410PW Datasheet(HTML) 5 Page - Texas Instruments

  BQ29410PW Datasheet HTML 1Page - Texas Instruments BQ29410PW Datasheet HTML 2Page - Texas Instruments BQ29410PW Datasheet HTML 3Page - Texas Instruments BQ29410PW Datasheet HTML 4Page - Texas Instruments BQ29410PW Datasheet HTML 5Page - Texas Instruments BQ29410PW Datasheet HTML 6Page - Texas Instruments BQ29410PW Datasheet HTML 7Page - Texas Instruments BQ29410PW Datasheet HTML 8Page - Texas Instruments BQ29410PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
VC1
VC2
VC4
VC3
GND
VDD
OUT
CD
1.2V(TYP)
RVD
CVD
ICD =0.2 A(TYP)
CIN
RIN
RIN
RIN
RIN
CIN
CIN
CIN
C
(DELAY)
OVERVOLTAGE PROTECTION
DELAY TIME CALCULATION
t
d +
1.2 V
C
(DELAY)
I
CD
C
(DELAY) +
t
d
I
CD
1.2 V
bq29410, bq29411, bq29412
bq29413, bq29414, bq29415
SLUS669D – AUGUST 2005 – REVISED OCTOBER 2006
FUNCTIONAL BLOCK DIAGRAM
When one of the cell voltages exceeds V(PROTECT), an internal current source begins to charge the capacitor,
C(DELAY), connected to the CD pin. If the voltage at the CD pin, VCD, reaches 1.2 V, the OUT pin is activated and
transitions high. An externally connected NCH FET is activiated and blows the external fuse in the positive
battery rail; see the functional block diagram.
If all cell voltages fall below V(PROTECT) before the voltage at pin CD reaches 1.2 V, the delay time does not run
out. An internal switch clamps the CD pin to GND and discharges the capacitor, C(DELAY), and secures the full
delay time for the next occurring overvoltage event.
Once the pin OUT is activated, it transitions back from high to low after all battery cells reach V(PROTECT)– Vhys.
The delay time is calculated as follows:
Where I(CD) = CD current source = 0.18 µA
5
Submit Documentation Feedback


Similar Part No. - BQ29410PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410PW TI-BQ29410PW Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410PW TI1-BQ29410PW Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
BQ29410PWG4 TI-BQ29410PWG4 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410PWR TI-BQ29410PWR Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410PWR TI1-BQ29410PWR Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
More results

Similar Description - BQ29410PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ29400 TI-BQ29400 Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Texas Instruments
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com