Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3506 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC3506
Description  Silicon NPN triple diffusion planar type(For high-speed switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3506 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC3506 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3506 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3506 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SC3506
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
ton, tstg, tf — IC
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
160
120
40
100
140
80
20
60
(1)
(3)
(2)
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) Without heat sink
(P
C=3.0W)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
5
4
3
2
1
T
C=25˚C
200mA
150mA
100mA
50mA
20mA
400mA
I
B=800mA
Collector to emitter voltage V
CE
(V)
0.1
30
10
1
0.3
3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=5
–25˚C
25˚C
T
C=100˚C
Collector current I
C
(A)
0.1
30
10
1
0.3
3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=5
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.1
0.3
1
3
10
30
100
300
1000
T
C=100˚C
V
CE=5V
–25˚C
25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.1
0.3
1
3
10
30
100
300
1000
V
CE=5V
f=1MHz
T
C=25˚C
Collector current I
C
(A)
08
26
47
15
3
0.01
0.03
0.1
0.3
1
3
10
30
100
t
stg
t
f
t
on
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=5
(2I
B1=–IB2)
V
CC=250V
T
C=25˚C
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.003
0.01
0.03
0.1
0.3
1
3
10
Non repetitive pulse
T
C=25˚C
I
CP
1s
t=10ms
I
C
Collector to emitter voltage V
CE
(V)


Similar Part No. - 2SC3506

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC3506 SAVANTIC-2SC3506 Datasheet
143Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3506 JMNIC-2SC3506 Datasheet
186Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3506 ISC-2SC3506 Datasheet
159Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3506 SAVANTIC-2SC3506 Datasheet
145Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3506 JMNIC-2SC3506_15 Datasheet
186Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC3506

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5223 PANASONIC-2SC5223 Datasheet
42Kb / 2P
   Silicon NPN triple diffusion planar type(For high-speed switching)
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SD1773 PANASONIC-2SD1773 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For midium speed switching)
2SC4985 PANASONIC-2SC4985 Datasheet
40Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5063 PANASONIC-2SC5063 Datasheet
62Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5393 PANASONIC-2SC5393 Datasheet
34Kb / 2P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3743 PANASONIC-2SC3743 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3972 PANASONIC-2SC3972 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3977 PANASONIC-2SC3977 Datasheet
60Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4004 PANASONIC-2SC4004 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com