Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0002TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM50-0002TR
Description  Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002TR Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0002TR Datasheet HTML 1Page - Tyco Electronics AM50-0002TR Datasheet HTML 2Page - Tyco Electronics AM50-0002TR Datasheet HTML 3Page - Tyco Electronics AM50-0002TR Datasheet HTML 4Page - Tyco Electronics AM50-0002TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise Amplifier
1.575 GHz
AM50-0002
2
V7
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Electrical Specifications: TA = +25°C, Z0=50 Ohm, VDD=+5V, PIN=-35 dBm, F=1.575 GHz
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
dB
25
27
29
Noise Figure
dB
-
1.15
1.4
Input VSWR
Ratio
-
2.0:1
-
Output VSWR
Ratio
-
1.5:1
-
Output P1dB Compression
dBm
-
1
-
Input IP3
dBm
-
-14
-
Reverse Isolation
dB
-
48
-
Bias Current
mA
15
20
25
Recommended PCB Configuration
Application Schematic
Frequency = 1.575 GHz
Impedance
Electrical Length
T1
57.2 W
36.0°
T2
82.7 W
16.2°
SOIC-8


Similar Part No. - AM50-0002TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002TR MACOM-AM50-0002TR Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002TR MACOM-AM50-0002TR Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
211Kb / 3P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002TR-3000 MA-COM-AM50-0002TR-3000 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - AM50-0002TR

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com